Electronic Components Datasheet Search
  English  ▼

X  

AS4SD16M16 Datasheet(PDF) 31 Page - Austin Semiconductor

Part # AS4SD16M16
Description  256 MB: 16 Meg x 16 SDRAM Synchronous DRAM Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4SD16M16 Datasheet(HTML) 31 Page - Austin Semiconductor

Back Button AS4SD16M16 Datasheet HTML 27Page - Austin Semiconductor AS4SD16M16 Datasheet HTML 28Page - Austin Semiconductor AS4SD16M16 Datasheet HTML 29Page - Austin Semiconductor AS4SD16M16 Datasheet HTML 30Page - Austin Semiconductor AS4SD16M16 Datasheet HTML 31Page - Austin Semiconductor AS4SD16M16 Datasheet HTML 32Page - Austin Semiconductor AS4SD16M16 Datasheet HTML 33Page - Austin Semiconductor AS4SD16M16 Datasheet HTML 34Page - Austin Semiconductor AS4SD16M16 Datasheet HTML 35Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 51 page
background image
SDRAM
SDRAM
SDRAM
SDRAM
SDRAM
AS4SD16M16
Austin Semiconductor, Inc.
AS4SD16M16
Rev. 1.0 11/02
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
31
INITIALIZE AND LOAD MODE REGISTER2
TIMING PARAMETERS
MIN
MAX
MIN
MAX
tAH
0.8
ns
tCKS
1.5
ns
tAS
1.5
ns
tCMH
0.8
ns
tCH
2.5
ns
tCMS
1.5
ns
tCL
2.5
ns
tMRD
3
2
tCK
tCK(3)
7.5
ns
tRFC
66
ns
tCK(2)
10
ns
tRP
20
ns
tCKH
0.8
ns
-75
UNITS
-75
SYMBOL*
UNITS
SYMBOL*
*CAS latency indicated in parentheses.
NOTES:
1. The mode register may be loaded prior to the AUTO REFRESH cycles if desired.
2. If CS is HIGH at clock HIGH time, all commands applied are NOP, with CKE a “Don’t Care”.
3. JEDEC and PC100 specify three clocks
4. Outputs are guaranteed High-Z after command is issued.
5. A12 should be a LOW at t
P
+ 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com