Electronic Components Datasheet Search
  English  ▼

X  

PCD5096 Datasheet(PDF) 41 Page - NXP Semiconductors

Part # PCD5096
Description  Universal codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5096 Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button PCD5096 Datasheet HTML 37Page - NXP Semiconductors PCD5096 Datasheet HTML 38Page - NXP Semiconductors PCD5096 Datasheet HTML 39Page - NXP Semiconductors PCD5096 Datasheet HTML 40Page - NXP Semiconductors PCD5096 Datasheet HTML 41Page - NXP Semiconductors PCD5096 Datasheet HTML 42Page - NXP Semiconductors PCD5096 Datasheet HTML 43Page - NXP Semiconductors PCD5096 Datasheet HTML 44Page - NXP Semiconductors PCD5096 Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
1997 Jan 22
41
Philips Semiconductors
Preliminary specification
Universal codec
PCD5096
Table 41 DSP parameters for conference call between one IOM buffer and two PSTN lines
Table 42 IOM control table for conference call between one IOM buffer and two PSTN lines
SDR
ADDRESS
(HEX)
PARAMETER NAME
VALUE
(HEX)
FUNCTION
00
LLa_IOM1
LLb_IOM1
5054
not used
01
LLa_LSW
LLb_LSW
FFFF
2
× analog line interface (LLx_IOM1 not used)
02
LLa_LEC
LLb_LEC
FFFF
2
× Local Echo Canceller ON
03
LLa_NES
LLb_NES
2D2D
2
× Network Echo Suppressor (9 dB attenuation)
04
LLa_AGC
LLb_AGC
FFFF
2
× Automatic Gain Control ON
05
LLa_TXV
LLb_TXV
2020
2
× Transmit Volume set to 0 dB
06
LLa_ISW
LLb_ISW
0000
2
× 8-bit A-law PCM data
07
LLa_IOM2
LLb_IOM2
484C
not used
08
LLa_SMU2
LLb_SMU2
0000
2
× Soft Mute OFF
09
LLa_AVR
LLb_AVR
0000
2
× Automatic Volume Control OFF
0A
LLa_RXV
LLb_RXV
2020
2
× Receive Volume set to 0 dB
0B
LLa_PST
LLb_PST
0000
2
× Site Tone OFF
0C
LLa_TST
LLb_TST
0000
2
× Tone Site Tone OFF (LLx_TOGx and LLx_TOVx
not used)
0D
LLa_TOV1
LLb_TOV1
4040
2
× Tone Volume for Tone 1 set to 0 dB
0E
LLa_TOV2
LLb_TOV2
4040
2
× Tone Volume for Tone 2 set to 0 dB
0F
LLa_TOG1
7ECE
Tone 1 to Codec 1
10
LLa_TOG2
7E8A
Tone 2 to Codec 1
11
LLb_TOG1
7E37
Tone 1 to Codec 2
12
LLb_TOG2
7DD2
Tone 2 to Codec 2
13
CCa_CNC
reserved
0100
conference call between Codec 1, Codec 2 and one
IOM buffer (8 bit A-law PCM data)
14
CCa_IOM3
CCa_IOM4
4044
conference call with IOM buffer at address 40H
CCa_IOM4 not used
15
CCa_SMU3
CCa_SMU4
0000
soft mute off
SDR
ADDRESS
(HEX)
PARAMETER NAME
VALUE
(HEX)
FUNCTION
20
slot 0 control
0070
IOM slot 0 uses buffer at address 40H
21 to 3F
slot 1 to slot 32
0000
slots 1 to 32 inactive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com