Electronic Components Datasheet Search
  English  ▼

X  

PCD5096 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # PCD5096
Description  Universal codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5096 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button PCD5096 Datasheet HTML 19Page - NXP Semiconductors PCD5096 Datasheet HTML 20Page - NXP Semiconductors PCD5096 Datasheet HTML 21Page - NXP Semiconductors PCD5096 Datasheet HTML 22Page - NXP Semiconductors PCD5096 Datasheet HTML 23Page - NXP Semiconductors PCD5096 Datasheet HTML 24Page - NXP Semiconductors PCD5096 Datasheet HTML 25Page - NXP Semiconductors PCD5096 Datasheet HTML 26Page - NXP Semiconductors PCD5096 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
1997 Jan 22
23
Philips Semiconductors
Preliminary specification
Universal codec
PCD5096
Table 28 Timing parameters in IOM mode; see Fig.7
Notes
1. Corresponds to the highest DCL frequency allowed (4.096 MHz) with a 10% margin.
2. CL = 150 pF.
Table 29 Timing parameters in Speech mode; see Fig.8
Notes
1. Corresponds to the DCL frequency (2.048 MHz) with a 10% margin.
2. CL = 150 pF.
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
tr(DCL)
data clock rise time
−
60
ns
tf(DCL)
data clock fall time
−
60
ns
TDCL
data clock period
220(1)
−
ns
tWH(DCL)
data clock pulse width HIGH
80
−
ns
tWL(DCL)
data clock pulse width LOW
80
−
ns
tr(FSC)
frame sync rise time
−
60
ns
tf(FSC)
frame sync fall time
−
60
ns
td(DCL-FSC)
frame delay DCL to FSC
−tWL(DCL)
60
ns
tsu(FSC-DCL)
frame set-up time FSC to DCL
60
−
ns
tWH(FSC)
frame width HIGH
130
−
ns
td(DLC-DO)
data delay from data clock
−
100(2)
ns
td(FSC-DO)
data delay from frame
−
150(2)
ns
tsu(DI-DCL)
set-up time DI to DCL
tWH(DCL)
−
ns
th(DI)
data hold time
50
−
ns
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
td(DCL-FSC)
frame delay time DCL to FSC
−twL(DCL)
100
ns
tsu(FSC-DCL)
frame set-up time FSC to DCL
60
−
ns
tWH(FSC)
frame width HIGH
130
−
ns
TDCL
data clock period
440(1)
−
ns
tWL(DCL)
data clock pulse width LOW
150
−
ns
tWH(DCL)
data clock pulse width HIGH
150
−
ns
td(DCL-DO)
data delay from clock
−
100(2)
ns
tsu(DI-DCL))
set-up time DI to DCL
60
−
ns
th(DI)
data hold time
60
−
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com