Electronic Components Datasheet Search
  English  ▼

X  

PCD5096 Datasheet(PDF) 47 Page - NXP Semiconductors

Part # PCD5096
Description  Universal codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5096 Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button PCD5096 Datasheet HTML 43Page - NXP Semiconductors PCD5096 Datasheet HTML 44Page - NXP Semiconductors PCD5096 Datasheet HTML 45Page - NXP Semiconductors PCD5096 Datasheet HTML 46Page - NXP Semiconductors PCD5096 Datasheet HTML 47Page - NXP Semiconductors PCD5096 Datasheet HTML 48Page - NXP Semiconductors PCD5096 Datasheet HTML 49Page - NXP Semiconductors PCD5096 Datasheet HTML 50Page - NXP Semiconductors PCD5096 Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
1997 Jan 22
47
Philips Semiconductors
Preliminary specification
Universal codec
PCD5096
Notes
1. A sine wave rms level applied differentially between the microphone pins. The A/D path gain in Control Register 2 is
set to +9 dB. For larger input levels the output signal will saturate.
2. A sine wave rms level applied differentially between pins LIFP_ADn and LIFM_ADn (n = 1 for Codec 1; n = 2 for
Codec 2). The A/D path gain is set to +9 dB using Control Register 2. For larger input levels the output signal will
saturate.
3. Valid for Codec 1 and Codec 2. Control Register 0 = 0003H (Codec 1) or 0018H (Codec 2) and the A/D path gain in
Control Register 2 is set to +9 dB. The microphone pins are shorted together. The value is psophometrically
weighted.
4. Valid for Codec 1 and Codec 2. Control Register 0 = 0003H (Codec 1) or 0018H (Codec 2) and the A/D path gain in
Control Register 2 is set to +9 dB. A sine wave of 1030 Hz is applied between the microphone input pins. The value
is psophometrically weighted and includes harmonic distortion.
5. Valid for Codec 1 and Codec 2. GAD is the A/D gain value selected in Control Register 2. The gain is measured at
1030 Hz from the LIF interface (pins LIFP_ADn and LIFM_ADn, where n = 1 for Codec 1 and n = 2 for Codec 2) to
the PCM interface.
6. The difference between two adjacent gain settings as specified in Control Register 2. Valid for Codec 1 and Codec 2.
7. Valid for Codec 1 and Codec 2. GDA is the D/A gain value selected in Control Register 2. The gain is measured at
970 Hz, from the PCM interface to the LIF interface (pins LIFP_DA1 and LIFM_DA1, for Codec 1 and pins EARP_HS
and EARM_HS for Codec 2).
8. Valid for Codec 1 and Codec 2. Sine wave rms level differentially seen between pins LIFP_DA1 and LIFM_DA1
(Codec 1) or EARP_HS and EARM_HS (Codec 2), with an input signal of 970 Hz and a level of +3.14 dBm0 at the
PCM interface. Load resistance is larger than 120
Ω. The D/A path gain in Control Register 2 is set to +2 dB.
9. Valid for Codec 1 and Codec 2. Control Register 0 = 0003H (Codec 1) or 0018H (Codec 2). The D/A path gain in
Control Register 2 is set to 0 dB and the DSP is set to idle mode. The value is psophometrically weighted.
10. Valid for Codec 1 and Codec 2. Control Register 0 = 0003H (Codec 1) or 0018H (Codec 2).The D/A path gain in
Control Register 2 is set to 0 dB. A sine wave of 970 Hz is applied. The value is psophometrically weighted and
includes harmonic distortion.
11. The D/A path is loaded with (150
Ω + 800 µF)//100 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com