Electronic Components Datasheet Search
  English  ▼

X  

PCD5096 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # PCD5096
Description  Universal codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5096 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button PCD5096 Datasheet HTML 21Page - NXP Semiconductors PCD5096 Datasheet HTML 22Page - NXP Semiconductors PCD5096 Datasheet HTML 23Page - NXP Semiconductors PCD5096 Datasheet HTML 24Page - NXP Semiconductors PCD5096 Datasheet HTML 25Page - NXP Semiconductors PCD5096 Datasheet HTML 26Page - NXP Semiconductors PCD5096 Datasheet HTML 27Page - NXP Semiconductors PCD5096 Datasheet HTML 28Page - NXP Semiconductors PCD5096 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
1997 Jan 22
25
Philips Semiconductors
Preliminary specification
Universal codec
PCD5096
9.6
IOM data buffers
The address space 40H to 77H in the SDR is reserved for up to 14 IOM data buffers. These buffers are used to exchange
data between the IOM-2 interface and the on-chip DSP. Each IOM data buffer consists of four 16-bit words: two words
for storing inbound data and two words for outbound data; this is shown in Fig.9
9.7
Local loop
A local call is implemented in order to loop-back data from one codec to another codec and vice-versa, as illustrated in
Fig.10. The inbound and outbound buffer are simply swapped. This is done by setting bit 8 in the correct IOM control
table word (see Section 9.5).
A local call is created by assigning one IOM data buffer to 2 codecs, whereby in one IOM control word bit 8 is set, and
in the other IOM control word bit 8 is reset.
Fig.9 Data flow between the IOM-2 interface and the DSP.
(1) IOM data buffers location is SDR: n = S
× 4 with S = B4 to B0 of the corresponding word in the IOM control table.
handbook, full pagewidth
MBH868
INBOUND
SDR (1)
n
+ 4
n
+ 2
n
OUTBOUND
DI
DO
IOM interface
DSP
Fig.10 Local call switching on the IOM interface.
(1) Bit 8 is set in slot 0 control word.
(2) Bit 8 is reset in slot n control word.
handbook, full pagewidth
MBH869
odd frame
even frame
even frame
slot 0 (1)
slot n (2)
0
0
n
n
00
0
0
0
DI
DO
n
n
0
n
n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com