Electronic Components Datasheet Search
  English  ▼

X  

PCD5096 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # PCD5096
Description  Universal codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5096 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button PCD5096 Datasheet HTML 24Page - NXP Semiconductors PCD5096 Datasheet HTML 25Page - NXP Semiconductors PCD5096 Datasheet HTML 26Page - NXP Semiconductors PCD5096 Datasheet HTML 27Page - NXP Semiconductors PCD5096 Datasheet HTML 28Page - NXP Semiconductors PCD5096 Datasheet HTML 29Page - NXP Semiconductors PCD5096 Datasheet HTML 30Page - NXP Semiconductors PCD5096 Datasheet HTML 31Page - NXP Semiconductors PCD5096 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
1997 Jan 22
28
Philips Semiconductors
Preliminary specification
Universal codec
PCD5096
Fig.14 I2C-bus read byte.
handbook, full pagewidth
MBH873
slave address
0
R/W
S
RAM address
don't care
A
acknowledge
from slave
acknowledge
from slave
acknowledge
from slave
acknowledge
from slave
no acknowledge
from master
x
A
slave address
1A
0/1 1
AS
data
1
P
I2C_BYTE
I2C_BSEL
R/W
Fig.15 I2C-bus read word.
handbook, full pagewidth
MBH874
slave address
0
R/W
S
RAM address
don't care
A
acknowledge
from slave
acknowledge
from slave
acknowledge
from slave
acknowledge
from slave
x
A
slave address
A
1
auto increment
word address
0
0
AS
data (high byte)
1
P
no acknowledge
from master
data (high byte)
A
data (low byte)
A
acknowledge
from master
acknowledge
from master
I2C_BYTE
I2C_BSEL
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com