Electronic Components Datasheet Search
  English  ▼

X  

217 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # 217
Description  BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

217 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button 217 Datasheet HTML 12Page - List of Unclassifed Manufacturers 217 Datasheet HTML 13Page - List of Unclassifed Manufacturers 217 Datasheet HTML 14Page - List of Unclassifed Manufacturers 217 Datasheet HTML 15Page - List of Unclassifed Manufacturers 217 Datasheet HTML 16Page - List of Unclassifed Manufacturers 217 Datasheet HTML 17Page - List of Unclassifed Manufacturers 217 Datasheet HTML 18Page - List of Unclassifed Manufacturers 217 Datasheet HTML 19Page - List of Unclassifed Manufacturers 217 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
75
Achieve optimum natural convection cooling per unit volume occupied above the printed circuit board for TO-3
(one semiconductor package per heat sink) or for two TO-220 style cases, when this low-cost heat sink is used. Any
mounting attitude will provide free circulation of air in natural convection applications. These
680 Series heat sinks
can also be specified without any semiconductor mounting hole pattern by specifying suffix “K” (Example: 680-5K).
Use these low-height heat sinks on printed circuit board applications for TO-66 power semiconductors and DO-4
and DO-5 diodes, where close board-to-board spacing and efficient heat dissipation are required. The
601 and
603 Series may also be attached to enclosure panels or brackets using isolation hardware where necessary.
BOARD LEVEL
HEAT SINKS
BOARD LEVEL
HEAT SINKS
677 SERIES
680 SERIES
HIGH-PERFORMANCE, HIGH-POWER HEAT
SINKS FOR VERTICAL BOARD MOUNTING
690 SERIES
MAXIMUM EFFICIENCY OMNIDIRECTIONAL
HEAT SINKS
NATURAL AND FORCED
CONVECTION CHARACTERISTICS
677 SERIES
(EXTRUSION
PROFILE 8719)
Height Above
Maximum
Standard
PC Board “A”
Footprint
Natural
Forced
P/N
in. (mm)
in. (mm)
Convection
Convection
677-10ABEP
1.000 (25.4)
1.650 (41.9) x 1.000 (25.4)
52°C @ 6W
3.1°C/W @ 200 LFM
677-15ABEP
1.500 (38.1)
1.650 (41.9) x 1.000 (25.4)
46°C @ 6W
2.8°C/W @ 200 LFM
677-20ABEP
2.000 (50.8)
1.650 (41.9) x 1.000 (25.4)
40°C @ 6W
2.5°C/W @ 200 LFM
677-25ABEP
2.500 (63.5)
1.650 (41.9) x 1.000 (25.4)
35°C @ 6W
2.2°C/W @ 200 LFM
Wave-solderable pins. Material: Aluminum, Black Anodized
MECHANICAL DIMENSIONS
MECHANICAL DIMENSIONS
MECHANICAL DIMENSIONS
Dimensions: in. (mm)
Dimensions: in. (mm)
Dimensions: in. (mm)
Thermal Performance at Typical Load
Height Above
Semiconductor
Standard
PC Board
Outline Dimensions
Natural
Forced
Mounting
Weight
P/N
in. (mm)
in. (mm)
Convection
Convection
Hole Pattern
lbs. (grams)
690-3B
1.310 (33.3)
1.860 (47.2)-sq
44°C @ 7.5W
2.0°C/W @ 400 LFM
(1) TO-3
0.0700 (31.75)
690-66B
1.310 (33.3)
1.860 (47.2)-sq
44°C @ 7.5W
2.0°C/W @ 400 LFM
(1) TO-66
0.0700 (31.75)
690-220B
1.310 (33.3)
1.860 (47.2)-sq
44°C @ 7.5W
2.0°C/W @ 400 LFM
(2) TO-220
0.0700 (31.75)
Material: Aluminum, Black Anodized
These low-cost heat sinks provide the most power dissipation at the lowest unit cost and are available in three
standard types to mount and cool one TO-3 or TO-66 metal power semiconductor type or two plastic package
TO-220 power semiconductor types. For higher power semiconductors, the
690 Series can dissipate up to 20
watts while maintaining a mounting surface temperature rise above ambient air temperature of no more
than 91°C.
NATURAL AND FORCED
CONVECTION CHARACTERISTICS
SEMICONDUCTOR MOUNTING HOLES
TO-3
TO-66
*TWO TO-220’S
Thermal Performance at Typical Load
Height Above
Horizontal Mounting
Semiconductor
Standard
PC Board “A”
Footprint Dimensions
Natural
Forced
Mounting
Weight
P/N
in. (mm)
in. (mm)
Convection
Convection
Hole Pattern
lbs. (grams)
680-5A
0.500 (12.7)
1.810 (46.0)-sq
70°C @ 7.5W
3.0°C/W @ 400 LFM
(1) TO-3
0.0700 (31.75)
680-75A
0.750 (19.1)
1.810 (46.0)-sq
58°C @ 7.5W
2.4°C/W @ 400 LFM
(1) TO-3
0.0900 (40.82)
680-10A
1.000 (25.4)
1.810 (46.0)-sq
52°C @ 7.5W
2.0°C/W @ 400 LFM
(1) TO-3
0.0980 (44.45)
680-125A
1.250 (31.8)
1.810 (46.0)-sq
45°C @ 7.5W
1.5°C/W @ 400 LFM
(1) TO-3
0.1100 (49.90)
680-5220
0.500 (12.7)
1.810 (46.0)-sq
70°C @ 7.5W
3.0°C/W @ 400 LFM
(2) TO-220
0.0700 (31.75)
680-75220
0.750 (19.1)
1.810 (46.0)-sq
58°C @ 7.5W
2.4°C/W @ 400 LFM
(2) TO-220
0.0900 (40.82)
680-10220
1.000 (25.4)
1.810 (46.0)-sq
52°C @ 7.5W
2.0°C/W @ 400 LFM
(2) TO-220
0.0980 (44.45)
680-125220
1.250 (31.8)
1.810 (46.0)-sq
45°C @ 7.5W
1.5°C/W @ 400 LFM
(2) TO-220
0.1100 (49.90)
Material: Aluminum, Black Anodized
NATURAL AND FORCED
CONVECTION CHARACTERISTICS
SEMICONDUCTOR MOUNTING HOLES
TO-3
A
220
K
*TWO TO-220’S
Thermal Performance at Typical Load
601 & 603 SERIES
HIGHEST EFFICIENCY/LOWEST UNIT COST
HEAT SINKS
LOW-HEIGHT HEAT SINKS
Footprint
Mounting
Standard
Dimensions
Height
Hole Dia.
Natural
Forced
Weight
P/N
in. (mm)
in. (mm)
in. (mm)
Convection
Convection
lbs. (grams)
601E
2.000 (50.8) x 1.250 (31.8)
0.562 (14.3)
0.200 (5.1)
52°C @ 5.0W
4.5°C/W @ 175 LFM
0.0500 (22.68)
601F
2.000 (50.8) x 1.250 (31.8)
0.562 (14.3)
0.270 (6.9)
52°C @ 5.0W
4.5°C/W @ 175 LFM
0.0500 (22.68)
601K
2.000 (50.8) x 1.250 (31.8)
0.562 (14.3)
None
52°C @ 5.0W
4.5°C/W @ 175 LFM
0.0500 (22.68)
603K
2.000 (50.8) x 2.000 (50.8)
0.562 (14.3)
None
41°C @ 5.0W
4.0°C/W @ 175 LFM
0.0810 (36.74)
Material: Aluminum Alloy, Black Anodized
Thermal Performance at Typical Load
BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
TO-3; TO-220
TO-218; TO-220; TO-247;
15-Lead Multiwatt
TO-3; TO-66; TO-220
DO-4/DO-5 Diodes
74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com