Electronic Components Datasheet Search
  English  ▼

X  

217 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 217
Description  BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

217 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  217 Datasheet HTML 1Page - List of Unclassifed Manufacturers 217 Datasheet HTML 2Page - List of Unclassifed Manufacturers 217 Datasheet HTML 3Page - List of Unclassifed Manufacturers 217 Datasheet HTML 4Page - List of Unclassifed Manufacturers 217 Datasheet HTML 5Page - List of Unclassifed Manufacturers 217 Datasheet HTML 6Page - List of Unclassifed Manufacturers 217 Datasheet HTML 7Page - List of Unclassifed Manufacturers 217 Datasheet HTML 8Page - List of Unclassifed Manufacturers 217 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
46
47
wakefield-vette.com
Contact us: (603) 635-2800
SURFACE MOUNT HEAT SINK
SURFACE MOUNT HEAT SINKS
Footprint
Height Above
Standard
PC Board
Dimensions
Package
Package
Natural
Forced
P/N
in. (mm)
in. (mm)
Format
Quantity
Convection
Convection
217-36CTE6
.360 (9.1)
.600 (15.2) x .740 (18.8)
Bulk
1
55°C @ 1W
16.0°C/W @ 200 LFM
217-36CTTE6
.360 (9.1)
.600 (15.2) x .740 (18.8)
Tube
20
55°C @ 1W
16.0°C/W @ 200 LFM
217-36CTRE6
.360 (9.1)
.600 (15.2) x .740 (18.8)
Tape & Reel
250
55°C @ 1W
16.0°C/W @ 200 LFM
Material: Copper, Matte Tin Plated
Tube: 16.25 Inches Long,
Min. esd Material with
Nail Stops
20 Pieces per Tube
217-36CTT6
217-36CT6
SOL 20
REF: JEDEC TO-263 (DD PAK)
REF: JEDEC MO-169 (DD PAK)
MECHANICAL DIMENSIONS
MECHANICAL DIMENSIONS
TUBE DETAILS
BOARD LAYOUT RECOMMENDATIONS
TAPE DETAILS
217 SERIES
BOARD LEVEL
HEAT SINKS
BOARD LEVEL
HEAT SINKS
SECTION A-A
217-36CT6
KEY:  Device only, NC  Device + HS, NC  Device + HS, 100 lfm
Device + HS, 200 lfm  Device + HS, 300 lfm
MECHANICAL DIMENSIONS
Device Power Dissipation. W
THERMAL PERFORMANCE
6 LAYER BOARD, D’ PAK
125°C LEAD, 40°C AMBIENT
Dimensions: in.
Dimensions: in.
NOTES
1. Material to be “ESD”
2. Approximately 6 Meters per Reel
3. 250 Pieces per Reel.
217-36CTR6
REEL DETAILS
217 SERIES
218 SERIES
Height Above
Maximum
Standard
PC Board
Footprint
P/N
in. (mm)
in. (mm)
Natural Convection
Forced Convection
218-40CTE3
.40 (10.2)
.90 (22.9) x .315 (8.0)
62°C rise @ 2W
21°C/W @ 200LFM
218-40CTE5
.40 (10.2)
1.03 (26.2) x .50 (12.7)
62°C rise @ 2W
21°C/W @ 200LFM
Material: Copper, Matte Tin Plated
218-40CT3
218-40CT5
0
20
40
60
80
100
0200
400600
8001000
AIR VELOCITY (LFM)
0
5
10
15
20
25
0200
400600
8001000
HEAT DISSIPATED (WATTS)
0.5
2.5
2.0
1.5
1.0
0
20
40
60
80
100
0200
400600
8001000
AIR VELOCITY (LFM)
0
5
10
15
20
25
0200
400600
8001000
HEAT DISSIPATED (WATTS)
0.5
2.5
2.0
1.5
1.0
0
20
40
60
80
100
0200
400
600800
1000
AIR VELOCITY (LFM)
0
2
4
6
8
10
0200
400
600800
1000
HEAT DISSIPATED (WATTS)
1
5
4
3
2
0
20
40
60
80
100
0200
400600
8001000
AIR VELOCITY (LFM)
0
2
4
6
8
10
12
14
16
18
20
0200
400600
8001000
HEAT DISSIPATED (WATTS)
1
5
4
3
2
0
20
40
60
80
100
0200
400600
8001000
AIR VELOCITY (LFM)
0
2
4
6
8
10
0200
400600
8001000
HEAT DISSIPATED (WATTS)
2
10
8
6
4
0
20
40
60
80
100
0200
400600
8001000
AIR VELOCITY (LFM)
0
2
4
6
8
10
0200
400600
8001000
HEAT DISSIPATED (WATTS)
2
10
8
6
4
Solid line = 218-40CT5 Dashed Line = 218-40CT3
NATURAL AND FORCED
CONVECTION CHARACTERISTICS
Compatible with surface mount technology (SMT) automated production techniques for ease of assembly
and a variety of soldering methods, these heat sinks allow greater packaging densities and reduction in
PC-board area, increasing the power dissipation of surface mount devices (SMDs) while maintaining and
improving manufacturers’ component thermal specifications.
SURFACE MOUNT HEAT SINKS
Thermal Performance at Typical Load
Thermal Performance at Typical Load
BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
D2PAK; TO-220; SOT-223; SOL-20
SMT Devices
D2PAK; TO-220; SOL-20
• No interface material is needed
• Copper with matte tin plating for improved solderability and assembly
• Both the component and the heat sink are installed on the PC-board utilizing
standard SMT assembly equipment for ”Tape & Reel” and “Tube” formats
• EIA standards and ESD protection are specified
• Can be used with water soluble or no clean SMT solder creams or other pastes
FEATURES AND BENEFITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com