Electronic Components Datasheet Search
  English  ▼

X  

217 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # 217
Description  BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

217 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button 217 Datasheet HTML 13Page - List of Unclassifed Manufacturers 217 Datasheet HTML 14Page - List of Unclassifed Manufacturers 217 Datasheet HTML 15Page - List of Unclassifed Manufacturers 217 Datasheet HTML 16Page - List of Unclassifed Manufacturers 217 Datasheet HTML 17Page - List of Unclassifed Manufacturers 217 Datasheet HTML 18Page - List of Unclassifed Manufacturers 217 Datasheet HTML 19Page - List of Unclassifed Manufacturers 217 Datasheet HTML 20Page - List of Unclassifed Manufacturers 217 Datasheet HTML 21Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
82
83
wakefield-vette.com
Contact us: (603) 635-2800
BOARD LEVEL
HEAT SINKS
BOARD LEVEL
HEAT SINKS
WkV Part Package
Height Off Base
Number
Description
Related Cross Sell Part
Cooled
Shape
Length Width (Height of Fin)
OMNI-UNI-32-58
OmniKlip Heat Sink
OMNI-UC, OMNI-220C TO-247, TO-264 Rectangular,
2.28"
1.25"
1.62"
for 2 universal 2 clips,
Fins
(58mm) (32mm)
(46.3mm)
32mm wide, 58mm long,
black anodized for any
TO except TO-220
MECHANICAL DIMENSIONS
THERMAL PERFORMANCE
WkV Part Package
Height Off Base
Number
Description
Related Cross Sell Part
Cooled
Shape
Length Width (Height of Fin)
OMNI-UNI-41-75
OmniKlip Heat Sink
OMNI-UC, OMNI-220C TO-247, TO-264 Rectangular,
2.95"
1.61"
1.62"
for 2 universal 2 clips,
Fins
(75mm) (41mm)
(46.3mm)
41mm wide, 75mm long,
black anodized for any
TO except TO-220
MECHANICAL DIMENSIONS
Part
Number
Description
OMNI-UC
Universal Clip for omniKlip Heat Sink for any TO except T0220
OMNI-220C
Clip for omniKlip Heat Sink for TO 220
Universal Clip mechanism is rotating the bar by 180°. The eccentric circle will
raise 0.09”. This deformation will exert the force on the components.
omniKlip assembly model in ANSYS,
with 18 lbf load applied to the clip
Under the 18 lbf, the clip deformed 0.09”
from its original position to the final
Directional deformation plot as shown.
With the FEA analysis and simulation, the force applied to
the TO-series components will be at least 18 lbs.
OmniKLIP™ SERIES HEAT SINK W/ CLIP(s) FOR TO-DEVICES
OMNIKLIPS™
OMNI-UNI-32-L SERIES HEAT SINKS
OMNI-UNI-41-L SERIES
HEAT SINKS
THERMAL PERFORMANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com