Electronic Components Datasheet Search
  English  ▼

X  

217 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # 217
Description  BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

217 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button 217 Datasheet HTML 13Page - List of Unclassifed Manufacturers 217 Datasheet HTML 14Page - List of Unclassifed Manufacturers 217 Datasheet HTML 15Page - List of Unclassifed Manufacturers 217 Datasheet HTML 16Page - List of Unclassifed Manufacturers 217 Datasheet HTML 17Page - List of Unclassifed Manufacturers 217 Datasheet HTML 18Page - List of Unclassifed Manufacturers 217 Datasheet HTML 19Page - List of Unclassifed Manufacturers 217 Datasheet HTML 20Page - List of Unclassifed Manufacturers 217 Datasheet HTML 21Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
78
79
wakefield-vette.com
Contact us: (603) 635-2800
BOARD LEVEL
HEAT SINKS
BOARD LEVEL
HEAT SINKS
CPC1998J PACKAGE
ONE HEAT SINK FOR ALL PACKAGES
System level – 2 screws Natural convection – Vertical
CPC40055ST PACKAGE
Board level – 2 solder pins Natural convection – Vertical Spring Clip
Board level – 2 solder pins Natural convection – Vertical Spring Clip
CPC1968 AND TO-264 PACKAGE
Board level – 2 solder pins Natural convection – Vertical
Spring Clip
L4970A PACKAGE
Board level – 2 solder pins
Natural convection – Vertical
Screw attachment
KBU PACKAGE
Board level – 2 solder pins
Natural convection – Vertical
Spring Clip
TO-247 AND TO-220 PACKAGE
Board level – 2 solder pins
Natural convection – Vertical
Screw attachment or Spring Clip
MOUNTAIN SERIES HEAT SINKS FOR TO-264, TO-247 DEVICES
Wakefield-Vette's
Mountain Series Heat Sinks are high performance, low cost, configurable, scalable and
compact with a matrix clip system for TO220, TO-247, TO-264 and other standard packages. This type
powerful heat sink provides easiest assembly, largest surface areas, smallest space occupation and all-in-
one solution. The power dissipations can be easily increased simply by extending the fin height on each side
of the heat sink, while keeping the heat sink height and PCB layout the same. It is the ideal type of heat sink
for high power density and small size (1U or 2U) electronic packaging with forced convention cooling.
Part Package Attachment Height Off Base Thermal Resistance Material
Number Description Type Cooled Method Length Width (Height of Fin) @ Forced Air Flow Material Finish
MTN-264-27 Heat Sink w/ Two Top Mount TO-247 and Clip and PC Pin
1.06"
1.740"
1.56"
5.5°C/W @ 18 Watts Aluminum
Black
Clips for TO-247
TO-264
(27mm) (44.3mm)
(39.5mm)
Anodized
TO-264
THERMAL RESISTANCE
MECHANICAL DIMENSIONS
• Minimum assembly cost and labor - Spring Clips make
the mounting holes and fasteners obsolete in assembly
operations and reduce costs.
• Maximum Thermal Transfer - Maximum surface area
per unit volume, efficient cooling fins & consistent
mounting force reduces thermal resistance.
FEATURES AND BENEFITS
• Maximum Repeatability - Constant spring force over repeated
assembly/disassembly.
• Maximum Reliability - Resilient spring action locks electronic
component in place. Fewer parts in assembly and no fasteners
and washers required. Prevent short circuit by eliminating metal
particles generated from hardware or thread tapping.
MTN-264-27
SOT-227 PACKAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com