Electronic Components Datasheet Search
  English  ▼

X  

217 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # 217
Description  BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

217 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button 217 Datasheet HTML 10Page - List of Unclassifed Manufacturers 217 Datasheet HTML 11Page - List of Unclassifed Manufacturers 217 Datasheet HTML 12Page - List of Unclassifed Manufacturers 217 Datasheet HTML 13Page - List of Unclassifed Manufacturers 217 Datasheet HTML 14Page - List of Unclassifed Manufacturers 217 Datasheet HTML 15Page - List of Unclassifed Manufacturers 217 Datasheet HTML 16Page - List of Unclassifed Manufacturers 217 Datasheet HTML 17Page - List of Unclassifed Manufacturers 217 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
70
71
wakefield-vette.com
Contact us: (603) 635-2800
04
8121620
0
200
400
600
800
1000
0
20
40
60
80
100
0
1
2
3
4
5
AIR VELOCITY (FPM)
POWER DISSIPATION (WATTS)
667-10ABP
667-25ABP
7-2
5
P
Speed
Clip
330SC
4 lb
Nominal
Force
Installed
Speed
Clip
285SC
10 lb
Nominal
Force
Installed
0.093
(2.4) DIA
0.156
(4.0)
0.670
(17.0)
0.730
(18.5)
0.062
(1.6) REF
1.375
(34.9)REF
0.500
(12.7)REF
1.000
(25.4)
0.180
(4.6) DIA
0.093
(2.4)
(NOMINAL)
DIA
0.044 (1.1) (STANDOFF)
0.130 (3.3)
0.125 (3.2) DIA
RAISED BOSS x 0.030 (0.8) HIGH
A
Power semiconductors packaged in a TO-92 style plastic case can be cooled effectively at little additional cost with
the addition of the 292-AB heat sink. The 292-AB is effective over the typical power range of such devices.
626 AND 627 SERIES
Height Above
Standard
PC Board “A”
Maximum Footprint
Natural
Forced
Weight
P/N
in. (mm)
in. (mm)
Convection
Convection
lbs. (grams)
637-10ABEP
1.000 (25.4)
1.375 (34.9) x 0.500 (12.7)
76°C @ 6W
5.8°C/W @ 200 LFM
0.023 (10.43)
637-15ABEP
1.500 (38.1)
1.375 (34.9) x 0.500 (12.7)
65°C @ 6W
5.5°C/W @ 200 LFM
0.035 (15.88)
637-20ABEP
2.000 (50.8)
1.375 (34.9) x 0.500 (12.7)
55°C @ 6W
4.7°C/W @ 200 LFM
0.050 (22.68)
637-25ABEP
2.500 (63.5)
1.375 (34.9) x 0.500 (12.7)
48°C @ 6W
4.2°C/W @ 200 LFM
0.062 (28.12)
Material: Aluminum, Black Anodized
BOARD LEVEL
HEAT SINKS
BOARD LEVEL
HEAT SINKS
667 SERIES
637 SERIES
Wave-solderable pins on 1 in. centers for vertical mounting on printed circuit boards. Maximum semiconductor
package width 0.625 in. (15.9). Use this heat sink where weight and board space occupied must be minimized.
Refer to the Accessory products section for thermal interface materials, thermal compounds, and other
accessories products.
637 SERIES
(EXTRUSION PROFILE 5183)
NATURAL AND FORCED
CONVECTION CHARACTERISTICS
MECHANICAL DIMENSIONS
MECHANICAL DIMENSIONS
Dimensions: in. (mm)
Dimensions: in. (mm)
HIGH-EFFICIENCY HEAT SINKS FOR VERTICAL
BOARD MOUNTING
626 & 627 SERIES
HIGH-EFFICIENCY HEAT SINKS FOR VERTICAL
BOARD MOUNTING
Thermal Performance at Typical Load
667 SERIES
(EXTRUSION PROFILE 8073)
STANDOFF
PINS
“SP”
PLAIN
PINS
“PP”
Height Above
Maximum
Standard P/N
PC Board “A”
Footprint
Natural
Forced
Weight
Standoff Pin Plain Pin
in. (mm) in. (mm) Convection Convection
lbs. (grams)
667-10ABESP
667-10ABPP
1.000 (25.4)
1.375 (34.9) x 0.500 (12.7)
76°C @ 6W
5.8°C/W @ 200 LFM
0.0240 (11.0)
667-15ABESP
667-15ABPP
1.500 (38.1)
1.375 (34.9) x 0.500 (12.7)
66°C @ 6W
5.5°C/W @ 200 LFM
0.0340 (15.6)
667-20ABESP
667-20ABPP
2.000 (50.8)
1.375 (34.9) x 0.500 (12.7)
58°C @ 6W
4.7°C/W @ 200 LFM
0.0460 (21.0)
667-25ABESP
667-25ABPP
2.500 (63.5)
1.375 (34.9) x 0.500 (12.7)
48°C @ 6W
4.2°C/W @ 200 LFM
0.0580 (26.2)
Order 330 SC or 285 SC SpeedClip™ separately.
Wave-solderable pins. Material: Aluminum, Black Anodized
Excellent performance, choice of wave-solderable plain pins (PP-Type) or wave-solderable hex-shaped standoff
pins (SP-Type), and reduced assembly cost.
LABOR-SAVING SPEEDCLIP™ HEAT SINKS FOR
VERTICAL BOARD MOUNTING
Dimensions: in. (mm)
POWER DISSIPATION (WATTS)
AIR VELOCITY (FPM)
0.156 (4.0)
0.093
(2.4)
0.130 (3.3)
DIA
MECHANICAL DIMENSIONS
Thermal Performance at Typical Load
0.044 (1.1) (STANDOFF)
Height Above
Maximum
Standard
Standard
PC Board “A”
Footprint
Natural
Forced
P/N
P/N
in. (mm)
in. (mm)
Convection
Convection
626-10ABEP
627-10ABP
1.000 (25.4)
1.375 (34.9) x .500 (12.7)
76°C @ 6W
5.8°C/W @ 200 LFM
626-15ABEP
627-15ABP
1.500 (38.1)
1.375 (34.9) x .500 (12.7)
65°C @ 6W
5.5°C/W @ 200 LFM
626-20ABEP
627-20ABP
2.000 (50.8)
1.375 (34.9) x .500 (12.7)
55°C @ 6W
4.7°C/W @ 200 LFM
626-25ABEP
627-25ABP
2.500 (63-5)
1.375 (34.9) x .500 (12.7)
48°C @ 6W
4.2°C/M @ 200 LFM
Wave-solderable pins. Material: Aluminum, Black Anodized
Thermal Performance at Typical Load
292 SERIES
NATURAL AND FORCED
CONVECTION CHARACTERISTICS
Height Above
Overall
Standard
PC Board
Fin Width
Thermal Performance
Weight
P/N
in. (mm)
in. (mm)
Natural Convection
Finish
lbs. (grams)
292-AB
0.750 (19.1)
0. 600 (15.3)
0.225°C/W @ 0.250 W
Black Anodized
0.00049 (0.22)
Material: Aluminum, Black Anodized
HEAT SINK FOR SINGLE TO-92
MECHANICAL DIMENSIONS
Dimensions: in. (mm)
BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
Speed
Clip
330SC
Speed
Clip
285SC
10 lb
Nominal
Force
Installed
4lb
Nominal
Force
Installed
1.000
(25.4)
0.180
(4.6)
0.093
(2.4)
NOMINAL)
DIA
DIA
0.125 (3.2) DIA
RAISED BOSS x 0.030 (0.8) HIGH
0.670
(17.0)
04
8121
620
0
200
400
600
800
1000
0
20
40
60
80
100
0
1
2
3
4
5
AIRVELOCITY
(FPM)
POWERDISSIP
ATION
(WAT
TS)
667
-10
ABP
667
-25
ABP
7-2
5
P
Speed
Clip
330SC
4lb
Nominal
Force
Installed
Speed
Clip
285SC
10lb
Nominal
Force
Installed
0.093
(2.4)DI
A
0.156
(4.0)
0.670
(17.0)
0.730
(18.5)
0.062
(1.6)REF
1.375
(34.9)REF
0.500
(12.7)REF
1.000
(25.4)
0.180
(4.6)DIA
0.093
(2.4)
(NOMINAL)
DIA
0.044(1.1)
(STANDOFF)
0.130(3.3)
0.125(3.2)
DIA
RAISEDBOSS
x0.030
(0.8)HIGH
A
0.500
(12.7)
1.375
(34.9)
0.062
(1.6)
0.730
(18.5)
REF
REF
REF
TO-92
TO-220
TO-220
TO-220 and TO-218
NATURAL AND FORCED
CONVECTION CHARACTERISTICS
NATURAL AND FORCED
CONVECTION CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com