| Electronic Components Datasheet Search |
|
VT6102 Datasheet(PDF) 32 Page - VIA Technologies, Inc. |
|
|
|||||||||||||||||||||||||||||
VT6102 Datasheet(HTML) 32 Page - VIA Technologies, Inc. |
|
32 / 46 page ![]() VT6103 - Fast Ethernet 10 / 100 PHY / Transceiver Revision 1.1 April 15, 2002 -26- Functional Description Technologies, Inc. We Connect We Connect We Connect We Connect Jabber Function The jabber function monitors the VT6103's output and disables the transmitter if it attempts to transmit a packet of longer than legal size. A jabber timer monitors the transmitter and disables the transmission if the transmitter is active for approximately 20-30 ms. Once disabled by the Jabber function, the transmitter stays disabled for the entire time that the ENDEC module's internal transmit enable is asserted. This signal has to be deasserted for approximately 400-600 ms (the “unjabber” time) before the Jabber function re-enables the transmit outputs. The Jabber function is only meaningful in 10Base-T mode. Status Information VT6103 Status Information is available on the LED output pins. Transmit activity, receive activity, link status, link polarity and collision activity information is output to the four LED output pins, selectable via LEDSEL at Rx16 (Rx10h) bit[6:5] as follows: Table 6. LED Function Definition LEDSE L LED0 LED1 LED2 LED3 00 Link / Act Speed Duplex COL 01 Pwr / TxAct Link / RxAct Speed Duplex 10 Speed 100 Speed 10 Act Duplex 11 Pwr / TxAct Link / RxAct Speed COL Automatic Link Polarity Detection The VT6103's 10Base-T transceiver module incorporates an automatic link polarity detection circuit. When seven consecutive link pulses or three consecutive receive packets with inverted End-of-Packet pulses are received, bad polarity is reported. The VT6103's 10Base-T transceiver module corrects for this error internally and will continue to decode received data correctly. This eliminates the need to correct the wiring error immediately. Internal Loopback When the FLB_DPLL bit (bit-5) of the PHY Configuration Register (register address 1Ch) is set, transmit data is looped back in the ENDEC to the receive channel. The transmit drivers and receive input circuitry are enabled in transceiver loopback mode. Loopback is used for diagnostic testing of the data path through the transceiver without transmitting on the network or being interrupted by receive traffic. This loopback function causes the data to loop back via the output driver buffers such that the entire transceiver path is tested. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |