Electronic Components Datasheet Search
  English  ▼

X  

VT6102 Datasheet(PDF) 46 Page - VIA Technologies, Inc.

Part # VT6102
Description  Fast Ethernet 10 / 100 1-Port PHY / Transceiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6102 Datasheet(HTML) 46 Page - VIA Technologies, Inc.

Back Button VT6102 Datasheet HTML 38Page - VIA Technologies, Inc. VT6102 Datasheet HTML 39Page - VIA Technologies, Inc. VT6102 Datasheet HTML 40Page - VIA Technologies, Inc. VT6102 Datasheet HTML 41Page - VIA Technologies, Inc. VT6102 Datasheet HTML 42Page - VIA Technologies, Inc. VT6102 Datasheet HTML 43Page - VIA Technologies, Inc. VT6102 Datasheet HTML 44Page - VIA Technologies, Inc. VT6102 Datasheet HTML 45Page - VIA Technologies, Inc. VT6102 Datasheet HTML 46Page - VIA Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 46 / 46 page
background image
VT6103 - Fast Ethernet 10 / 100 PHY / Transceiver
Revision 1.1 April 15, 2002
-40-
Package Mechanical Specifications
Technologies, Inc.
We Connect
We Connect
We Connect
We Connect
PACKAGE MECHANICAL SPECIFICATIONS
Figure 19. Mechanical Specifications – 48 Pin SSOP Package
CONTROLLINGDIMENSION : INCH
See Detail F
SEATINGPLANE
GAUGE PLANE
Detail F
Symbol
Millimeter
Inch
A
A1
A2
b
c
D
E1
e
E
L
L1
-
2.41
0.20
2.26
0.20
0.13
15.75
7.39
0.64 BASIC
10.03
0.51
0°
Min
Nom Max
Min
Nom
Max
0
0°
8°
8°
0.025 BASIC
2.59
0.30
2.39
0.25
0.20
15.88
7.49
10.31
0.76
1.42
2.79
0.40
2.52
0.34
0.25
16.00
7.59
10.67
1.02
0.095
0.008
0.089
0.008
0.005
0.620
0.291
0.395
0.020
0.102
0.012
0.094
0.010
0.008
0.625
0.295
0.406
0.030
0.056
0.110
0.016
0.099
0.0135
0.010
0.630
0.299
0.420
0.040
VT6103
YYWWRR
TAIWAN
LLLLLLLLL
CM
Product Part Number
Date Code, Chip Revision,
and Country of Assembly
Lot Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com