Electronic Components Datasheet Search
  English  ▼

X  

VT6102 Datasheet(PDF) 11 Page - VIA Technologies, Inc.

Part # VT6102
Description  Fast Ethernet 10 / 100 1-Port PHY / Transceiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6102 Datasheet(HTML) 11 Page - VIA Technologies, Inc.

Back Button VT6102 Datasheet HTML 7Page - VIA Technologies, Inc. VT6102 Datasheet HTML 8Page - VIA Technologies, Inc. VT6102 Datasheet HTML 9Page - VIA Technologies, Inc. VT6102 Datasheet HTML 10Page - VIA Technologies, Inc. VT6102 Datasheet HTML 11Page - VIA Technologies, Inc. VT6102 Datasheet HTML 12Page - VIA Technologies, Inc. VT6102 Datasheet HTML 13Page - VIA Technologies, Inc. VT6102 Datasheet HTML 14Page - VIA Technologies, Inc. VT6102 Datasheet HTML 15Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
VT6103 - Fast Ethernet 10 / 100 PHY / Transceiver
Revision 1.1, April 15, 2002
-5-
Pin Descriptions
Technologies, Inc.
We Connect
We Connect
We Connect
We Connect
Strap Options
Signal Name
Pin #
I/O
Signal Description
SYMB /COL
21
I
Symbol Mode. Latched into register 16 (register 10h) bit-2 at power-up /
reset. Internally pulled low for default disabled.
RPTR / CRS
22
I
Repeater Mode. Latched into register 16 (register 10h) bit-4 at power-up /
reset. Internally pulled low for default disabled.
ISO /RXER
11
I
Isolate. Latched into register 0 bit-10 at power-up / reset. Internally pulled
low for default disabled.
PHYAD[4:0] / RXD[0:3], INT#
6, 5, 4,
3, 25
I
PHY Address. Latched into register 16 (register 10h) bits 15-11 at power-up
/ reset. Internally pulled low, low, low, low, and high for default 00001b.
LINK / LED0
26
I
Test Mode Enable. 0=Enable, 1=Disable. Do not leave floating. Pull high
with 10K ohms if not used.
SPD100 / LED1
27
I
Speed Select. Latched into register 0 bit-13 at power-up / reset (0=Speed 10,
1=Speed100). If NWAYEN is not pulled down at power-up / reset, this pin
is also latched as Speed support in register 4 (Auto-Negotiation
Advertisement Base Page). Do not leave floating. Pull high or low with 10K
ohms.
DUPLEX / LED2
28
I
Duplex Mode Select.
Latched into register 0 bit-8 at power-up / reset
(0=Half, 1=Full). If NWAYEN is not pulled down at power-up / reset, this
pin is also latched as Duplex support in register 4 (Auto-Negotiation
Advertisement Base Page). Do not leave floating. Pull high or low with 10K
ohms.
NWAYEN / LED3
29
I
N-Way Enable. Latched into register 0 bit-12 (Auto-Negotiation Enable) at
power-up / reset (0=Disable, 1=Enable). Do not leave floating. Pull low with
10K ohms if not used.
FXEN /SD
34
I
Fiber Mode Enable. Latched into register 16 (register 10h) bit-10 at power-
up / reset (0=Disable, 1=Enable). Do not leave floating. Pull low with 10K
ohms if not used.
Note:
For the pins listed above, pullup / pulldown status is latched during powerup / reset. External strap option values may be
set by connecting the indicated pin to a 10K ohm pull down for 0 (L) or to a 10K pull up for 1 (H).
LED Outputs
Signal Name
Pin #
I/O
Signal Description
LED0 /LINK
26
IO
LED Output 0. See Register 16 (10h) bits 5-6 & Table 6 for LED function.
LED1 / SPD100
27
IO
LED Output 1. See Register 16 (10h) bits 5-6 & Table 6 for LED function.
LED2 / DUPLEX
28
IO
LED Output 2. See Register 16 (10h) bits 5-6 & Table 6 for LED function.
LED3 / NWAYEN
29
IO
LED Output 3. See Register 16 (10h) bits 5-6 & Table 6 for LED function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com