Electronic Components Datasheet Search
  English  ▼

X  

VT6102 Datasheet(PDF) 45 Page - VIA Technologies, Inc.

Part # VT6102
Description  Fast Ethernet 10 / 100 1-Port PHY / Transceiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6102 Datasheet(HTML) 45 Page - VIA Technologies, Inc.

Back Button VT6102 Datasheet HTML 38Page - VIA Technologies, Inc. VT6102 Datasheet HTML 39Page - VIA Technologies, Inc. VT6102 Datasheet HTML 40Page - VIA Technologies, Inc. VT6102 Datasheet HTML 41Page - VIA Technologies, Inc. VT6102 Datasheet HTML 42Page - VIA Technologies, Inc. VT6102 Datasheet HTML 43Page - VIA Technologies, Inc. VT6102 Datasheet HTML 44Page - VIA Technologies, Inc. VT6102 Datasheet HTML 45Page - VIA Technologies, Inc. VT6102 Datasheet HTML 46Page - VIA Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 45 / 46 page
background image
VT6103 - Fast Ethernet 10 / 100 PHY / Transceiver
Revision 1.1 April 15, 2002
-39-
Electrical Specifications
Technologies, Inc.
We Connect
We Connect
We Connect
We Connect
Table 18. 10Mb/s Receive Packet Timing
Symbol Parameter
Min
Typ
Max
Unit Comment
T1
Carrier Sense On Delay
550
ns
T2
Receive Data Valid Delay
2200
ns
T3
Receive Data Latency
750
ns
RD+/-
RXD[3:0]
RXD[3:0]
RXD[3:0]
RXD[3:0]
RX_ER/RXD[4]
RX_ER/RXD[4]
RX_ER/RXD[4]
RX_ER/RXD[4]
T3
T3
T3
T3
T1
T1
T1
T1
Preamble
Preamble
Preamble
Preamble
IDLE
IDLE
IDLE
IDLE
Data
Data
Data
Data
CRS
CRS
CRS
CRS
RX_DV
RX_DV
RX_DV
RX_DV
T2
T2
T2
T2
Figure 17. 10Mb/s Receive Packet Timing
Table 19. 10Mb/s Transmit Packet Timing
Symbol Parameter
Min
Typ
Max
Unit Comment
T1
TXC to TX+/– Latency
470
ns
T2
TXC to TX+/– Deassertion
700
ns
T2
T1
T1
T1
T1
TX_CLK
TX_CLK
TX_CLK
TX_CLK
DATA
DATA
DATA
DATA
TD+/-
TD+/-
TD+/-
TD+/-
IDLE
IDLE
IDLE
IDLE
TX_EN
TX_EN
TX_EN
TX_EN
IDLE
IDLE
IDLE
IDLE
Preamble
Preamble
Preamble
Preamble
SOP
SOP
SOP
SOP
Figure 18. 10Mb/s Transmit Packet Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com