Electronic Components Datasheet Search
  English  ▼

X  

VT6102 Datasheet(PDF) 7 Page - VIA Technologies, Inc.

Part # VT6102
Description  Fast Ethernet 10 / 100 1-Port PHY / Transceiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6102 Datasheet(HTML) 7 Page - VIA Technologies, Inc.

Back Button VT6102 Datasheet HTML 3Page - VIA Technologies, Inc. VT6102 Datasheet HTML 4Page - VIA Technologies, Inc. VT6102 Datasheet HTML 5Page - VIA Technologies, Inc. VT6102 Datasheet HTML 6Page - VIA Technologies, Inc. VT6102 Datasheet HTML 7Page - VIA Technologies, Inc. VT6102 Datasheet HTML 8Page - VIA Technologies, Inc. VT6102 Datasheet HTML 9Page - VIA Technologies, Inc. VT6102 Datasheet HTML 10Page - VIA Technologies, Inc. VT6102 Datasheet HTML 11Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
VT6103 - Fast Ethernet 10 / 100 PHY / Transceiver
Revision 1.1 April 15, 2002
-1-
Product Features
Technologies, Inc.
We Connect
We Connect
We Connect
We Connect
VT6103
FAST ETHERNET 10 / 100
1-PORT PHY / TRANSCEIVER
PRODUCT FEATURES
•••• Single Chip 100Base-TX / 10Base-T Physical Layer Solution
•••• Dual Speed – 100 / 10 Mbps
•••• Half and Full Duplex
•••• MII Interface to Ethernet Controller
•••• MII Interface to Configuration & Status
•••• Optional Repeater Interface
•••• Auto Negotiation: 10 / 100, Full / Half Duplex
•••• Meet All Applicable IEEE 802.3, 10Base-T and 100Base-Tx Standards
•••• On Chip Wave Shaping – No External Filters Required
•••• Adaptive Equalizer
•••• Baseline Wander Correction
•••• LED Outputs
–
Link Status
–
Duplex status
–
Speed Status
–
Collision
•••• 48 Pin SSOP Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com