Electronic Components Datasheet Search
  English  ▼

X  

PCF8584 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # PCF8584
Description  I2C-bus controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8584 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button PCF8584 Datasheet HTML 30Page - NXP Semiconductors PCF8584 Datasheet HTML 31Page - NXP Semiconductors PCF8584 Datasheet HTML 32Page - NXP Semiconductors PCF8584 Datasheet HTML 33Page - NXP Semiconductors PCF8584 Datasheet HTML 34Page - NXP Semiconductors PCF8584 Datasheet HTML 35Page - NXP Semiconductors PCF8584 Datasheet HTML 36Page - NXP Semiconductors PCF8584 Datasheet HTML 37Page - NXP Semiconductors PCF8584 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
1997 Oct 21
34
Philips Semiconductors
Product specification
I2C-bus controller
PCF8584
14.1
Application notes
Additional application notes are available from Philips Semiconductors:
1. AN95068:
“C Routines for the PCF8584”.
2. AN96040:
“Using the PCF8584 with non-specified timings and other frequently asked questions”.
3. AN90001:
“Interfacing PCF8584 I2C-bus controller to 80(C)51 family of microcontrollers”.
Fig.26 PCF8584 diode protection.
Maximum forward current: 5 mA; maximum reverse voltage: 5 V.
handbook, full pagewidth
MBE701
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
Substrate
RESET/STROBE
WR (R/W)
CS
RD (DTACK)
DB7
DB6
DB5
DB4
DB3
VDD
SDA or SDA OUT
SCL or SCL IN
IACK or SDA IN
INT or SCL OUT
A0
DB0
DB1
DB2
VSS
CLK
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com