Electronic Components Datasheet Search
  English  ▼

X  

PCF8801 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCF8801
Description  LCD driver for 140 x 2 segments
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8801 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCF8801 Datasheet HTML 1Page - NXP Semiconductors PCF8801 Datasheet HTML 2Page - NXP Semiconductors PCF8801 Datasheet HTML 3Page - NXP Semiconductors PCF8801 Datasheet HTML 4Page - NXP Semiconductors PCF8801 Datasheet HTML 5Page - NXP Semiconductors PCF8801 Datasheet HTML 6Page - NXP Semiconductors PCF8801 Datasheet HTML 7Page - NXP Semiconductors PCF8801 Datasheet HTML 8Page - NXP Semiconductors PCF8801 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
2000 Feb 04
5
Philips Semiconductors
Product specification
LCD driver for 140
× 2 segments
PCF8801
FUNCTIONAL DESCRIPTION
Refer to block diagram Fig.1. The PCF8801 comprises a
bi-directional 280-bit input shift register, 280-bit output
register, output multiplexer providing 140-segment outputs
via a routing block and output drivers, two 3-level
backplane outputs, internal oscillator and internal
power-on reset circuit. To reduce the length of routing
required between cascaded chips in multiple chip-on-glass
applications, all inputs/outputs for control lines, clock
signals and data are provided at both sides of the narrow
package.
Shift register
The 280-bit bi-directional shift register shifts data on the
rising edge of clock signal CLKI. The shift register output
bits are called SH1_1, SH1_2 to SH140_1, SH140_2.
The direction in which data is shifted and the pads that are
valid for inputs DI, CLKI and output CLKO, is determined
by the voltage level on pad DIR. The voltage on pad DIR
must be tied to either VDD or VSS and must not be switched
when the PCF8801 is operating. The relationship between
the status of pad DIR and the other pads connected to the
shift register is shown in Table 1.
Table 1
280-bit bi-directional shift register pads
Notes
1. The invalid DI pad must be connected to either VDD or
VSS.
2. Pads DO and CLKO are used when PCF8801 devices
are connected in cascade.
3. The last bit is loaded into a flip-flop whose output is
connected to pad DO. The value of the last bit appears
at pad DO delayed by a 1
⁄2 CLKI period.
Output register
The 280-data bits (SH1_1, SH1_2 to SH140_1, SH140_2)
from the output of the shift register are transferred to the
input of the 280 bit output register. Data is transferred
when either pad LDPI goes HIGH or when pad LDNI goes
LOW. The output register bits are called IO1_1, IO1_2
to IO140_1, IO140_2. The pads that are valid for
inputs LDPI, LDNI, OSCI, and outputs LDPO, LDNO,
OSCO are determined by the voltage level on pad DIR.
During a positive pulse on pad LDPI, pad LDNI must stay
HIGH, or during a negative pulse on pad LDNI, pad LDPI
must stay LOW. The voltage on pad DIR must be tied to
either VDD or VSS and must not be switched when the
PCF8801 is operating. The relationship between the
status of pad DIR and the other pads connected to the
output register is shown in Table 2.
Table 2
280-bit output register pads
Output multiplexer, frame generator and backplane
drivers
The 280 data bits (IO1_1, IO1_2 to IO140_1, IO140_2)
from the output register are transferred to the input of the
output multiplexer which multiplexes the data at the rate of
1 : 2. The 140 output bits from the output multiplexer are
called OM1 to OM140. The frame generator outputs two
control signals derived from the LCD multiplex clock
(OSCI) called COMMON (1
⁄2 fOSC) and M (1⁄4 fOSC) which
control the output multiplexer and the backplane drivers.
The operation of the output multiplexer is defined in
Table 3.
SHIFT DIRECTION
VALID PAD
DIR = 1
DIR = 0
Data input DI(1)
DI1
DI2
Data output DO(2)
DO1 and DO2
DO1 and DO2
Clock input CLKI
CLK1
CLK2
Clock output CLKO(2)
CLK2
CLK1
First bit shifted
SH140_2
SH1_1
Last bit shifted(3)
SH1_1
SH140_2
SHIFT DIRECTION
VALID PAD
DIR = 1
DIR = 0
Data load input LDPI
LDP1
LDP2
Data load output LDPO
LDP2
LDP1
Data load input LDNI
LDN1
LDN2
Data load output LDNO
LDN2
LDN1
Multiplexing clock input OSCI
OSC1
OSC2
Multiplexing clock output OSCO
OSC2
OSC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com