Electronic Components Datasheet Search
  English  ▼

X  

PCF8801 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCF8801
Description  LCD driver for 140 x 2 segments
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8801 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCF8801 Datasheet HTML 1Page - NXP Semiconductors PCF8801 Datasheet HTML 2Page - NXP Semiconductors PCF8801 Datasheet HTML 3Page - NXP Semiconductors PCF8801 Datasheet HTML 4Page - NXP Semiconductors PCF8801 Datasheet HTML 5Page - NXP Semiconductors PCF8801 Datasheet HTML 6Page - NXP Semiconductors PCF8801 Datasheet HTML 7Page - NXP Semiconductors PCF8801 Datasheet HTML 8Page - NXP Semiconductors PCF8801 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2000 Feb 04
2
Philips Semiconductors
Product specification
LCD driver for 140
× 2 segments
PCF8801
FEATURES
• Single-chip LCD controller/driver
• Fixed backplane multiplexing at a rate of 1 : 2
• Internal LCD bias generation (0.5VDD)
• 140 segment outputs configured to drive seven
40-segment characters
• On-chip oscillator with one external resistor
• Wide power supply range (2.7 V up to 5.5 V)
• Low power consumption
• Compatible with most microprocessors/microcontrollers
• 1 MHz serial bus interface (280-bit shift register)
• Easily cascaded for large LCD applications (two
cascade directions possible)
• Compatible with chip-on-glass technology
• Manufactured by silicon gate CMOS process.
GENERAL DESCRIPTION
The PCF8801 is a peripheral device which interfaces a
multiplexed Liquid Crystal Display (LCD) having two
backplanes and up to 140 segments. It generates drive
signals at a multiplex rate of 1 : 2 allowing seven
40-segment (5 x 8) characters to be driven.
The chip can easily be cascaded for larger LCD
applications, and the direction of the information flow in the
cascade can be selected. The PCF8801 is compatible with
most microprocessors/microcontrollers and
communicates via a serial bus interface comprising a
280-bit shift register.
The outputs are multiplexed by a clock signal generated by
the internal oscillator which needs only one external
resistor. Cascade applications only require the clock signal
to be generated by the first device with the internal
oscillators in the other devices disabled.
The PCF8801 is designed for chip-on-glass applications.
It has a narrow package with raised points (bumps) for
easy assembly on to LCD glass.
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCF8801U
−
chip with bumps in tray
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com