Electronic Components Datasheet Search
  English  ▼

X  

PCF8801 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCF8801
Description  LCD driver for 140 x 2 segments
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8801 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCF8801 Datasheet HTML 5Page - NXP Semiconductors PCF8801 Datasheet HTML 6Page - NXP Semiconductors PCF8801 Datasheet HTML 7Page - NXP Semiconductors PCF8801 Datasheet HTML 8Page - NXP Semiconductors PCF8801 Datasheet HTML 9Page - NXP Semiconductors PCF8801 Datasheet HTML 10Page - NXP Semiconductors PCF8801 Datasheet HTML 11Page - NXP Semiconductors PCF8801 Datasheet HTML 12Page - NXP Semiconductors PCF8801 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
2000 Feb 04
9
Philips Semiconductors
Product specification
LCD driver for 140
× 2 segments
PCF8801
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134); stresses greater than the values shown may
cause permanent damage to the device; parameters are valid over the ambient temperature range; all voltages are with
respect to VSS.
HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However it is good practice to take
normal precautions appropriate to handling MOS devices (see
“Handling MOS devices”).
DC CHARACTERISTICS
VDD = 2.7 to 5.5 V; VSS =0V; Tamb = −40 to +85 °C; unless otherwise specified.
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VDD
supply voltage
−0.5
+6.5
V
VI
input voltage
VSS − 0.5
VDD + 0.5
V
VO
output voltage
VSS − 0.5
VDD + 0.5
V
II
DC input current
−10
+10
mA
IO
DC output current
−10
+10
mA
IDD
VDD current
−50
+50
mA
ISS
VSS current
−50
+50
mA
Ptot
total power dissipation
−
500
mW
P/out
power dissipation per output
−
10
mW
Tamb
ambient temperature
−40
+85
°C
Tstg
storage temperature
−65
+150
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VDD
supply voltage
2.7
3 or 5
5.5
V
Iq
quiescent supply current
RESET = 1; note 1
−
2.5
10
µA
IDD3
normal mode supply
current
CLKI = 0;
OSCI = INT_OSCO;
note 1
−
32
100
µA
Logic
VIL
LOW-level input voltage
note 2
VSS
0.33VDD
0.2VDD
V
VIH
HIGH-level input voltage
0.7VDD
0.37VDD
VDD
V
IOL
LOW-level output current
VOL = 0.4 V; VDD =5V 1
3
−
mA
IOH
HIGH-level output current VOH = 4.6 V; VDD =5V −−3
−1mA
ILI
input leakage current
VI =VDD or VSS
−10
+1
µA
VPOR
Power-on reset voltage
VDD <VPOR
0.8
1.2
1.6
V
Ci
input capacitance
−−
15
pF
Co
output capacitance
−−
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com