Electronic Components Datasheet Search
  English  ▼

X  

PCF8801 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCF8801
Description  LCD driver for 140 x 2 segments
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8801 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCF8801 Datasheet HTML 4Page - NXP Semiconductors PCF8801 Datasheet HTML 5Page - NXP Semiconductors PCF8801 Datasheet HTML 6Page - NXP Semiconductors PCF8801 Datasheet HTML 7Page - NXP Semiconductors PCF8801 Datasheet HTML 8Page - NXP Semiconductors PCF8801 Datasheet HTML 9Page - NXP Semiconductors PCF8801 Datasheet HTML 10Page - NXP Semiconductors PCF8801 Datasheet HTML 11Page - NXP Semiconductors PCF8801 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
2000 Feb 04
8
Philips Semiconductors
Product specification
LCD driver for 140
× 2 segments
PCF8801
Internal oscillator
The internal oscillator generates two identical LCD
multiplexing clock signals (INT_OSCO) having a minimum
frequency of 240 Hz at pads INT_OSCO1 and
INT_OSCO2. The internal oscillator is enabled by
connecting an external resistor between pad REXT
and VDD, and disabled (INT_OSCO = 0) by connecting
pad REXT to VSS. An external resistor value of 330 kΩ will
typically generate a frequency of 500 Hz.
For cascade applications, the first chip in the cascade
should have pad INT_OSCO connected to pad OSCI.
Each OSCI pad of all subsequent chips should be
connected to the OSCO pad of the previous chip (see
Fig.4). The signal applied to the OSCI pad must always be
a clock signal; applying a DC signal could damage the
LCD.
Power-on reset and external reset
At power-on, the PCF8801 resets to the following
conditions:
• The shift register and the output register sets all bits to 0
• The frame generator outputs (COMMON and M) are 0
• The multiplexed outputs (S1 to S140) to the LCD pixels
are 0
• The backplane driver outputs (COM1 and COM2) are 0
until the first falling edge of OSCI (see Fig.2).
A positive pulse on pad RESET (active HIGH) has the
same effect as the power-on reset. A HIGH-level on
pad RESET disables all clock inputs, the bias generator,
and the internal oscillator (INT_OSCO = 0). If the RESET
input is not used, it is advisable to connect its pad directly
to the adjacent pad VSS5. However, if the RESET input is
to be used in a chip-on-glass application, it is strongly
advised that the RESET input is connected in series with
an on-glass resistance to reduce its sensitivity to
ESD/EMC disturbances. The minimum value of resistance
recommended by the ITO is 8 k
Ω.
Cascading
To reduce the length of routing required between
cascaded chips on-glass, all inputs/outputs for control
lines, clock signals and data are provided at both sides of
the narrow package. An example of cascading is shown in
Fig.4.
handbook, full pagewidth
DI
DO
DIR
DATA IN
REXT
Rext
330 k
Ω
VDD
VSS
VSS
CLKI
CLKO
LDPO
LDNO
OSCO
CLOCK
LDPI
LOAD
LDNI
VDD
VSS
OSCI
INT_OSCO
RESET
PCF8801
PCF8801
chip 1
chip 2
DI
DO
DIR
REXT
VSS
VSS
CLKI
CLKO
LDPO
LDNO
OSCO
LDPI
LDNI
VDD
OSCI
INT_OSCO
RESET
MGL918
Fig.4 Example of cascading.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com