Electronic Components Datasheet Search
  English  ▼

X  

RFM22 Datasheet(PDF) 13 Page - HOPE Microelectronics CO., Ltd.

Part # RFM22
Description  Transceiver module
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RFM22 Datasheet(HTML) 13 Page - HOPE Microelectronics CO., Ltd.

Back Button RFM22 Datasheet HTML 9Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 10Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 11Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 12Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 13Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 14Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 15Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 16Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 17Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 150 page
background image
R F M 2 2
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com
http://www.hoperf.com
13
2.1. Operating Modes
The RFM22 provides several modes of operation which can be used to optimize the power consumption of the
device application. Depending upon the system communication protocol, the optimal trade-off between the radio
wake time and power consumption can be achieved.
Table 10 summarizes the modes of operation of the RFM22. In general, any given mode of operation may be
classified as an Active mode or a Power Saving mode. The table indicates which block(s) are enabled (active) in
each corresponding mode. With the exception the Shutdown mode, all can be dynamically selected by sending the
appropriate commands over the SPI in order to optimize the average current consumption. An ―X‖ in any cell
means that, in the given mode of operation, that block can be independently programmed to be either ON or OFF,
without noticeably affecting the current consumption. The SPI circuit block includes the SPI interface and the
register space. The 32 kHz OSC circuit block includes the 32.768 kHz RC oscillator or 32.768 kHz crystal
oscillator, and wake-up timer. AUX (Auxiliary Blocks) includes the temperature sensor, general purpose ADC, and
low-battery detector.
Table 9. Operating Modes
Mode
Name
Circuit Blocks
Digital LDO
SPI
32 kHz
OSC
AUX
30 MHz
XTAL
PLL
RA
RX
IVDD
Shutdown
OFF
(Register contents lost)
OFF
OFF
OFF
OFF
OFF
OFF
OFF
10 nA
Standby
ON
(Register contents retained)
ON
OFF
OFF
OFF
OFF
OFF
OFF
400 nA
Sleep
ON
ON
X
OFF
OFF
OFF
OFF
800 nA
Sensor
ON
X
ON
OFF
OFF
OFF
OFF
1 μA
Ready
ON
X
X
ON
OFF
OFF
OFF
600 μA
Tuning
ON
X
X
ON
ON
OFF
OFF
9.5 mA
Transmit
ON
X
X
ON
ON
ON
OFF
27 mA*
Receive
ON
X
X
ON
ON
OFF
ON
18.5 mA
*Note: 27 mA at +11 dBm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com