Electronic Components Datasheet Search
  English  ▼

X  

RFM22 Datasheet(PDF) 45 Page - HOPE Microelectronics CO., Ltd.

Part # RFM22
Description  Transceiver module
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RFM22 Datasheet(HTML) 45 Page - HOPE Microelectronics CO., Ltd.

Back Button RFM22 Datasheet HTML 41Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 42Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 43Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 44Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 45Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 46Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 47Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 48Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 49Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 150 page
background image
R F M 2 2
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com
http://www.hoperf.com
45
7.1.1. Advanced FSK and GFSK Settings
In nearly all cases, the information in Table 16, ―RX Modem Configurations for FSK and GFSK,‖ can be used to
determine the required FSK and GFSK modem parameters. The section includes a more detailed discussion of the
various modem parameters to allow for experienced designers to further configure the modem performance.
In FSK or GFSK mode the receiver can handle a wide range of modulation indices ranging from 0.5 up to 32. The
modulation index (h) is defined by the following:
h =
2×Fd
Rb×(1+enmanch)
When the modulation index is 1 or higher the modulation bandwidth can be approximated by the following equation:
BWmod =
(
Rb
2
×(1+enmanch)+2×Fd
)
When the modulation index is lower than 1 the modulation bandwidth can be approximated by the following:
BWmod =
(Rb×(1+enmanch)+ Fd)
Where BWmod is an approximation of the modulation bandwidth in kHz, Rb is the payload bit rate in kbps, Fd is the
frequency deviation of the received GFSK/FSK signal in kHz and enmanch is the Manchester Coding parameter
(see Reg. 70h, enmach is 1 when Manchester coding is enabled, enmanch is 0 when disabled).
The bandwidth of the channel select filter in the receiver might need some extra bandwidth to cope with tolerances
in transmit and receive frequencies which depends on the tolerances of the applied crystals. When the relative
frequency error (Ferror) between transmitter and receiver is less than half the modulation bandwidth (BWmod) then
the AFC will correct the frequency error without needing extra bandwidth. When the frequency error exceeds
BWmod/2 then some extra bandwidth will be needed to assure proper AFC operation under worst case conditions.
When the AFC is enabled it is recommended to set the bandwidth of the channel select filter (BWch-sel) according
to the formulas below:
F error ≤
BWmod
2
=> BW ch-sel = BWmod
F error >
BWmod
2
=> BW ch-sel = 2×F error
When the AFC is disabled it is recommended to set the bandwidth of the channel select filter (BWch-sel) according
to the following:
BW ch-sel = BWmod+2×F error
When the required bandwidth (BW) is calculated then the three filter parameters, ndec_exp, dwn3_bypass and
filset, can be found from the table below. When the calculated bandwidth value is not exactly available then select
the higher available bandwidth closest to the calculated bandwidth.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com