Electronic Components Datasheet Search
  English  ▼

X  

RFM22 Datasheet(PDF) 49 Page - HOPE Microelectronics CO., Ltd.

Part # RFM22
Description  Transceiver module
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RFM22 Datasheet(HTML) 49 Page - HOPE Microelectronics CO., Ltd.

Back Button RFM22 Datasheet HTML 45Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 46Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 47Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 48Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 49Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 50Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 51Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 52Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 53Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 150 page
background image
R F M 2 2
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com
http://www.hoperf.com
49
Table 20. RX Modem Configuration for OOK with Manchester Disabled
RX Modem Setting Examples for OOK (Manchester Disabled)
Appl Parameters
Register Values
Rb
RX BW
dwn3_bypass
ndec_exp[2:0]
filset[3:0]
rxosr[10:0]
ncoff[19:0]
crgain[10:0]
[kbps]
[kHz]
1Ch
1Ch
1Ch
20,21h
21,22,23h
24,25h
1.2
75
0
4
1
0D0
09D49
13D
1.2
110
0
4
5
0D0
09D49
13D
1.2
335
1
4
8
271
0346E
06B
1.2
420
1
4
A
271
0346E
06B
1.2
620
1
4
E
271
0346E
06B
2.4
335
1
3
8
271
0346E
06B
4.8
335
1
2
8
271
0346E
06B
9.6
335
1
1
8
271
0346E
06B
10
335
1
1
8
258
0369D
06F
15
335
1
1
8
190
051EC
0A6
19.2
335
1
1
8
139
068DC
0D3
20
335
1
1
8
12C
06D3A
0DC
30
335
1
1
8
0C8
0A3D7
14A
38.4
335
1
1
8
09C
0D1B7
1A6
40
335
1
1
8
096
0DA74
1B7
Table 21. RX Modem Configuration for OOK with Manchester Enabled
RX Modem Setting Examples for OOK (Manchester Disabled)
Appl Parameters
Register Values
Rb
RX BW
dwn3_bypass
ndec_exp[2:0]
filset[3:0]
rxosr[10:0]
ncoff[19:0]
crgain[10:0]
[kbps]
[kHz]
1Ch
1Ch
1Ch
20,21h
21,22,23h
24,25h
1.2
75
0
3
1
0D0
04EA5
13D
1.2
110
0
3
5
0D0
04EA5
13D
1.2
335
1
3
8
271
01A37
06B
1.2
420
1
3
A
271
01A37
06B
1.2
620
1
3
E
271
01A37
06B
2.4
335
1
2
8
271
01A37
06B
4.8
335
1
1
8
271
01A37
06B
9.6
335
1
1
8
139
0346E
0D3
10
335
1
1
8
12C
0369D
0DC
15
335
1
1
8
0C8
051EC
14A
19.2
335
1
1
8
09C
068DC
1A6
20
335
1
1
8
096
06D3A
1B7
30
335
1
0
8
0C8
051EC
14A
38.4
335
1
0
8
09C
068DC
1A6
40
335
1
0
8
096
06D3A
1B7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com