Electronic Components Datasheet Search
  English  ▼

X  

RFM22 Datasheet(PDF) 20 Page - HOPE Microelectronics CO., Ltd.

Part # RFM22
Description  Transceiver module
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RFM22 Datasheet(HTML) 20 Page - HOPE Microelectronics CO., Ltd.

Back Button RFM22 Datasheet HTML 16Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 17Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 18Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 19Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 20Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 21Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 22Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 23Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 24Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 150 page
background image
R F M 2 2
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com
http://www.hoperf.com
20
3.5. System Timing
The system timing for TX and RX modes is shown in Figures 8 and 7. The timing is shown transitioning from
STANDBY mode to TX mode and going automatically through the built-in sequencer of required steps. If a small
range of frequencies is being used and the temperature range is fairly constant a calibration may only be needed at
the initial power up of the device. The relevant system timing registers are shown below.
Add
R/W
Function/De
scription
D7
D6
D5
D4
D3
D2
D1
D0
POR
Def.
53
R/W
PLL Tune Time
pllts[4:0]
pllt0[2:0]
45h
54
R/W
Reserved 1
X
X
X
X
X
X
X
X
00h
55
R/W
Calibration
Control
xtalstart
half
adccaldo
ne
enrcfcal
rccal
Vcoca
ldp
vcocal
skipvco
04h
The VCO will automatically calibrate at every frequency change or power up. The VCO CAL may also be forced by
setting the vcocal bit. The 32.768 kHz RC oscillator is also automatically calibrated but the calibration may also be
forced. The enrcfcal will enable the RC Fine Calibration which will occur every 30 seconds. The rccal bit will force a
complete calibration of the RC oscillator which will take approximately 2 ms. The PLL T0 time is to allow for bias
settling of the VCO, the default for this should be adequate. The PLL TS time is for the settling time of the PLL,
whi
ch has a default setting of 200 μs. This setting should be adequate for most applications but may be reduced if
small frequency jumps are used. For more information on the PLL register configuration options, see ―Register
53h. PLL Tune Time,‖ and ―Register 55h. Calibration Control,‖.
Figure 7. TX Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com