Electronic Components Datasheet Search
  English  ▼

X  

RFM22 Datasheet(PDF) 58 Page - HOPE Microelectronics CO., Ltd.

Part # RFM22
Description  Transceiver module
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RFM22 Datasheet(HTML) 58 Page - HOPE Microelectronics CO., Ltd.

Back Button RFM22 Datasheet HTML 54Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 55Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 56Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 57Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 58Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 59Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 60Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 61Page - HOPE Microelectronics CO., Ltd. RFM22 Datasheet HTML 62Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 150 page
background image
R F M 2 2
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com
http://www.hoperf.com
58
8.6. Wake-Up Timer
The RFM22 contains an integrated wake-up timer which periodically wakes the module from SLEEP mode.
Thewake-up timer runs from the internal 32.768 kHz RC Oscillator. The wake-up timer can be configured to run
when in SLEEP mode. If enwt = 1 in "Register 07h. Operating Mode and Function Control 1" when entering SLEEP
mode, the wake-up timer will count for a time specified by the Wake-Up Timer Period in Registers 10h
–12h. At the
expiration of this period an interrupt will be generated on the nIRQ pin if this interrupt is enabled. The microcontroller
will then need to verify the interrupt by reading the Interrupt Status Registers 03h
–04h. The wake-up timer value may
be read at any time by the wtv[15:0] read only registers 13h
–14h.
The formula for calculating the Wake-Up Period is the following:
WUT =
32 X M X 2R-D
32.768
ms
WUT Register
Description
wtr[3:0]
R Value in Formula
wtr[1:0]
D Value in Formula
wtm[15:0]
M Value in Formula
Use of the D variable in the formula is only necessary if finer resolution is required than the R value gives.
Ad
R/W
Function/Descri
ption
D7
D6
D5
D4
D3
D2
D1
D0
POR
Def.
14
R/W
Wake-Up Timer
Period 1
wtr[3]
wtr[2]
wtr[1]
wtr[0]
wtd[1]
wtd[0]
00h
15
R/W
Wake-Up Timer
Period 2
wtm
[15]
wtm[14]
wtm[13]
wtm[12]
wtm[11]
wtm[10]
wtm[9]
wtm[8]
00h
16
R/W
Wake-Up Timer
Period 3
wtm
[7]
wtm[6]
wtm[5]
wtm[4]
wtm[3]
wtm[2]
wtm[1]
wtm[0]
00h
17
R
Wake-Up Timer
Value 1
wtv[
15]
wtv[14]
wtv[13]
wtv[12]
wtv[11]
wtv[10]
wtv[9]
wtv[8]
—
18
R
Wake-Up Timer
Value 2
wtv[
7]
wtv[6]
wtv[5]
wtv[4]
wtv[3]
wtv[2]
wtv[1]
wtv[0]
—
There are two different methods for utilizing the wake-up timer (WUT) depending on if the WUT interrupt is enabled
in ―Register 06h. Interrupt Enable 2,‖. If the WUT interrupt is enabled then nIRQ pin will go low when the timer
expires. The module will also change state so that the 30 M XTAL is enabled so that the microcontroller clock
output is available for the microcontroller to use process the interrupt. The other method of use is to not enable the
WUT interrupt and use the WUT GPIO setting. In this mode of operation the module will not change state until
commanded by the microcontroller. The two different modes of operation of the WUT are demonstrated in Figure 28.
A 32 kHz XTAL may also be used for better timing accuracy. By setting the x32 ksel bit in 07h, GPIO0 is
automatically reconfigured so that an external 32 kHz XTAL may be connected to this pin. In this mode, the GPIO0
is extremely sensitive to parasitic capacitance, so only the XTAL should be connected to this pin and the XTAL
should be physically located as close to the pin as possible. Once the x32 ksel bit is set, all internal functions such
as WUT, micro-controller clock, and LDC mode will use the 32 K XTAL and not the 32 kHz RC oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com