Electronic Components Datasheet Search
  English  ▼

X  

ADS6422 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ADS6422
Description  QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADS6422 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ADS6422 Datasheet HTML 6Page - STMicroelectronics ADS6422 Datasheet HTML 7Page - STMicroelectronics ADS6422 Datasheet HTML 8Page - STMicroelectronics ADS6422 Datasheet HTML 9Page - STMicroelectronics ADS6422 Datasheet HTML 10Page - STMicroelectronics ADS6422 Datasheet HTML 11Page - STMicroelectronics ADS6422 Datasheet HTML 12Page - STMicroelectronics ADS6422 Datasheet HTML 13Page - STMicroelectronics ADS6422 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 75 page
background image
www.ti.com
ADS6445, ADS6444
ADS6443, ADS6442
SLAS531 – MAY 2007
ELECTRICAL CHARACTERISTICS (continued)
Typical values are at 25
°C, min and max values are across the full temperature range T
MIN = –40°C to TMAX = 85°C, AVDD =
LVDD = 3.3V, maximum rated sampling frequency, 50% clock duty cycle, –1dBFS differential analog input, internal reference
mode (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
ADS6445
87
ADS6444
91
Fin = 10 MHz
ADS6443
92
ADS6442
93
ADS6445
73
81
ADS6444
80
Fin = 50 MHz
ADS6443
77
87.5
ADS6442
79
88
ADS6445
78
ADS6444
Fin = 70 MHz
74
81
ADS6443 and ADS6442
86
ADS6445
86
ADS6444
88
Fin = 100 MHz
HD3
Third harmonic
ADS6443
84
dBc
ADS6442
82
ADS6445
76
ADS6444
79
0 dB gain
ADS6443
80
ADS6442
Fin = 170 MHz
81
ADS6445
79
ADS6444
3.5 dB Coarse gain
83
ADS6443 and ADS6442
84
ADS6445 and ADS6444
77
ADS6443
0 dB gain
78
ADS6442
Fin = 230 MHz
79
ADS6445 and ADS6444
80
3.5 dB Coarse gain
ADS6443 and ADS6442
82
ADS6445 and ADS6444
91
ADS6443
Fin = 10 MHz
94
ADS6442
95
ADS6445 and ADS6444
87
ADS6443
Fin = 50 MHz
92
Worst harmonic
ADS6442
93
(other than HD2,
dBc
ADS6445
90
HD3)
ADS6444
Fin = 100 MHz
91
ADS6443 and ADS6442
92
ADS6445 and ADS6444
88
Fin = 170 MHz
ADS6443 and ADS6442
90
All
Fin = 230 MHz
87
10
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com