Electronic Components Datasheet Search
  English  ▼

X  

ADS6422 Datasheet(PDF) 35 Page - STMicroelectronics

Part # ADS6422
Description  QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADS6422 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button ADS6422 Datasheet HTML 31Page - STMicroelectronics ADS6422 Datasheet HTML 32Page - STMicroelectronics ADS6422 Datasheet HTML 33Page - STMicroelectronics ADS6422 Datasheet HTML 34Page - STMicroelectronics ADS6422 Datasheet HTML 35Page - STMicroelectronics ADS6422 Datasheet HTML 36Page - STMicroelectronics ADS6422 Datasheet HTML 37Page - STMicroelectronics ADS6422 Datasheet HTML 38Page - STMicroelectronics ADS6422 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 75 page
background image
www.ti.com
ADS6444 (F
srated = 105 MSPS)
f − Frequency − MHz
−160
−140
−120
−100
−80
−60
−40
−20
0
0
10
20
30
40
50
G019
SFDR = 91.2 dBc
SINAD = 73.9 dBFS
SNR = 74.1 dBFS
THD = 89.7 dBc
f − Frequency − MHz
−160
−140
−120
−100
−80
−60
−40
−20
0
0
10
20
30
40
50
G020
SFDR = 81.2 dBc
SINAD = 71.6 dBFS
SNR = 72.6 dBFS
THD = 79.9 dBc
f − Frequency − MHz
−160
−140
−120
−100
−80
−60
−40
−20
0
0
10
20
30
40
50
G021
SFDR = 81 dBc
SINAD = 68.6 dBFS
SNR = 69 dBFS
THD = 79 dBc
f − Frequency − MHz
−160
−140
−120
−100
−80
−60
−40
−20
0
0
10
20
30
40
50
G022
fIN1 = 185.1 MHz, –7 dBFS
fIN2 = 190.1 MHz, –7 dBFS
2-Tone IMD = –88 dBFS
SFDR = –89 dBFS
fIN − Input Frequency − MHz
76
78
80
82
84
86
88
90
92
0
50
100
150
200
250
G023
Gain = 0 dB
Gain = 3.5 dB
fIN − Input Frequency − MHz
66
67
68
69
70
71
72
73
74
75
76
0
50
100
150
200
250
G024
Gain = 0 dB
Gain = 3.5 dB
ADS6445, ADS6444
ADS6443, ADS6442
SLAS531 – MAY 2007
FFT for 10 MHz INPUT SIGNAL
FFT for 70 MHz INPUT SIGNAL
Figure 24.
Figure 25.
FFT for 230 MHz INPUT SIGNAL
INTERMODULATION DISTORTION (IMD) vs FREQUENCY
Figure 26.
Figure 27.
SFDR vs INPUT FREQUENCY
SNR vs INPUT FREQUENCY
Figure 28.
Figure 29.
35
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com