Electronic Components Datasheet Search
  English  ▼

X  

ADS6422 Datasheet(PDF) 19 Page - STMicroelectronics

Part # ADS6422
Description  QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADS6422 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ADS6422 Datasheet HTML 15Page - STMicroelectronics ADS6422 Datasheet HTML 16Page - STMicroelectronics ADS6422 Datasheet HTML 17Page - STMicroelectronics ADS6422 Datasheet HTML 18Page - STMicroelectronics ADS6422 Datasheet HTML 19Page - STMicroelectronics ADS6422 Datasheet HTML 20Page - STMicroelectronics ADS6422 Datasheet HTML 21Page - STMicroelectronics ADS6422 Datasheet HTML 22Page - STMicroelectronics ADS6422 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 75 page
background image
www.ti.com
SERIAL INTERFACE TIMING CHARACTERISTICS
RESET TIMING
T0108-03
t
1
t
3
t
2
PowerSupply
AVDD,LVDD
RESET
SEN
ADS6445, ADS6444
ADS6443, ADS6442
SLAS531 – MAY 2007
Typical values at 25
°C, min and max values across the full temperature range T
MIN = –40°C to TMAX = 85°C, AVDD = LVDD
= 3.3V, unless otherwise noted.
PARAMETER
MIN
TYP
MAX
UNIT
fSCLK
SCLK Frequency, fSCLK = 1/tSCLK
> DC
20
MHz
tSLOADS
SEN to SCLK Setup time
25
ns
tSLOADH
SCLK to SEN Hold time
25
ns
tDSU
SDATA Setup time
25
ns
tDH
SDATA Hold time
25
ns
Time taken for register write to take effect after 16th SCLK falling edge
100
ns
Typical values at 25
°C, min and max values across the full temperature range T
MIN = –40°C to TMAX = 85°C, AVDD = LVDD
= 3.3V, unless otherwise noted.
PARMATER
CONDITIONS
MIN
TYP
MAX
UNIT
Delay from power-up of AVDD and LVDD to RESET pulse
t1
Power-on delay time
5
ms
active
t2
Reset pulse width
Pulse width of active RESET signal
10
ns
t3
Register write delay time Delay from RESET disable to SEN active
25
ns
tPO
Power-up delay time
Delay from power-up of AVDD and LVDD to output stable
6.5
ms
Figure 5. Reset Timing
19
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com