Electronic Components Datasheet Search
  English  ▼

X  

ADS6422 Datasheet(PDF) 37 Page - STMicroelectronics

Part # ADS6422
Description  QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADS6422 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button ADS6422 Datasheet HTML 33Page - STMicroelectronics ADS6422 Datasheet HTML 34Page - STMicroelectronics ADS6422 Datasheet HTML 35Page - STMicroelectronics ADS6422 Datasheet HTML 36Page - STMicroelectronics ADS6422 Datasheet HTML 37Page - STMicroelectronics ADS6422 Datasheet HTML 38Page - STMicroelectronics ADS6422 Datasheet HTML 39Page - STMicroelectronics ADS6422 Datasheet HTML 40Page - STMicroelectronics ADS6422 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 75 page
background image
www.ti.com
71
72
73
74
75
76
Input Clock Duty Cycle − %
83
85
87
89
91
93
35
40
45
50
55
60
65
G032
SNR
SFDR
fIN = 20.1 MHz
76
78
80
82
84
86
88
90
92
0.5
1.0
1.5
2.0
2.5
3.0
68
69
70
71
72
73
74
75
76
Input Clock Amplitude − VPP
G031
SNR
SFDR
fIN = 70.1 MHz
fS − Sampling Frequency − MSPS
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
20
40
60
80
100
G033
LVDD
AVDD
Output Code
0
5
10
15
20
25
30
35
40
8179 8180 8181 8182 8183 8184 8185 8186 8187 8188
G034
RMS LSB = 1.054
66
68
70
72
74
76
VVCM − VCM Voltage − V
80
81
82
83
84
85
1.30
1.35
1.40
1.45
1.50
1.55
1.60
1.65
1.70
fIN = 70.1 MHz
External Reference Mode
G035
SNR
SFDR
f − Frequency − MHz
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
50
100
150
200
250
300
G018
ADS6445, ADS6444
ADS6443, ADS6442
SLAS531 – MAY 2007
ADS6444 (F
srated = 105 MSPS) (continued)
PERFORMANCE vs CLOCK AMPLITUDE (differential)
PERFORMANCE vs CLOCK DUTY CYCLE
Figure 36.
Figure 37.
OUTPUT NOISE HISTOGRAM WITH
POWER DISSIPATION vs SAMPLING FREQUENCY
INPUTS TIED TO COMMON-MODE
Figure 38.
Figure 39.
PERFORMANCE IN EXTERNAL REFERENCE MODE
CMRR vs FREQUENCY
Figure 40.
Figure 41.
37
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com