Electronic Components Datasheet Search
  English  ▼

X  

ADS6422 Datasheet(PDF) 51 Page - STMicroelectronics

Part # ADS6422
Description  QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADS6422 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button ADS6422 Datasheet HTML 47Page - STMicroelectronics ADS6422 Datasheet HTML 48Page - STMicroelectronics ADS6422 Datasheet HTML 49Page - STMicroelectronics ADS6422 Datasheet HTML 50Page - STMicroelectronics ADS6422 Datasheet HTML 51Page - STMicroelectronics ADS6422 Datasheet HTML 52Page - STMicroelectronics ADS6422 Datasheet HTML 53Page - STMicroelectronics ADS6422 Datasheet HTML 54Page - STMicroelectronics ADS6422 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 75 page
background image
www.ti.com
REFERENCE
S0165-04
VCM
REFM
REFP
INTREF
INTREF
EXTREF
4kW
1kW
Internal
Reference
ADS6xxx
Internal Reference
External Reference
Full−scale differential input pp + (Voltage forced on VCM)
1.33
(2)
ADS6445, ADS6444
ADS6443, ADS6442
SLAS531 – MAY 2007
APPLICATION INFORMATION (continued)
The ADS644X has built-in internal references REFP and REFM, requiring no external components. Design
schemes are used to linearize the converter load seen by the references; this and the on-chip integration of the
requisite reference capacitors eliminates the need for external decoupling. The full-scale input range of the
converter can be controlled in the external reference mode as explained below. The internal or external
reference modes can be selected by programming the register bit <REF> (refer to Table 13).
Figure 88. Reference Section
When the device is in internal reference mode, the REFP and REFM voltages are generated internally.
Common-mode voltage (1.5 V nominal) is output on VCM pin, which can be used to externally bias the analog
input pins.
When the device is in external reference mode, the VCM acts as a reference input pin. The voltage forced on
the VCM pin is buffered and gained by 1.33 internally, generating the REFP and REFM voltages. The differential
input voltage corresponding to full-scale is given by Equation 2.
In this mode, the range of voltage applied on VCM should be 1.45 V to 1.55 V. The 1.5-V common-mode voltage
to bias the input pins has to be generated externally.
51
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com