Electronic Components Datasheet Search
  English  ▼

X  

6014 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 6014
Description  Solenoids with Kick and Drop
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

6014 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  6014 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3 | 17
Kick and Drop coils
Visit product website 
1.
General technical data
Product properties
Dimensions
Detailed information can be found in chapter “3. Dimensions” on page 5.
Material1.)
Seal
FKM
Coil
Epoxy
Thermal insulation class of
solenoid
Epoxy class H
Performance data
Switching frequency
AC10
Max. 10 cycles/min
AC19
Max. 30 cycles/min
Electrical data
Operating voltage
24 V/50…60 Hz and 24 V/DC, 110…120 V/50…60 Hz, 230…240 V/50…60 Hz
Single valve duty cycle
Continuous operation 100% duty cycle
Voltage tolerance
± 10%
Approvals and certificates
Degree of protection
IP65 with cable plug, IP67 with cable plug Type 2518 (for possible versions see data sheet Type
2518 )
UL
cURus
Process/Port connection & communication
Electrical connection
According to DIN EN 175 301 - 803, form A for cable plug Type 2518 and Type 2509 (see “4.13.
Ordering chart for accessories” on page 16 )
Cable or terminal box at AC19
Environment and installation
Ambient temperature
Max. 55 °C (higher temperatures available on request)
1.) The following materials are not in contact with the medium due to the push-over coil system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com