Electronic Components Datasheet Search
  English  ▼

X  

6014 Datasheet(PDF) 6 Page - Christian Bürkert GmbH & Co. KG

Part # 6014
Description  Solenoids with Kick and Drop
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

6014 Datasheet(HTML) 6 Page - Christian Bürkert GmbH & Co. KG

Back Button 6014 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6 | 17
Kick and Drop coils
Visit product website 
4.
Ordering information
4.1. Bürkert eShop – Easy ordering and quick delivery
Bürkert eShop – Easy ordering and quick delivery
You want to find your desired Bürkert product or spare part quickly and order directly?
Our online shop is available for you 24/7. Sign up and enjoy all the benefits.
Order online now
4.2. Bürkert product filter
Bürkert product filter – Get quickly to the right product
You want to select products comfortably based on your technical requirements?
Use the Bürkert product filter and find suitable articles for your application quickly and
easily.
Try out our product filter
4.3. Ordering chart for Kick and Drop coil sets
Note:
• As replacement demand or for retrofitting
• Set contains Kick and Drop solenoid, seal and fixing nut
• Further variants with alternative voltages available on request.
Coil type
Recommended
solenoid valves1.)
Electrical connection
Coil power
Article no.
Inrush
power
Holding
power
24 / AC/DC
230/AC
[W]
[W]
[V/Hz]
[V/Hz]
AC10
40 mm
6013, 6014
6213 DN 10…20,
6281,
5404, 6240 DN 6
DIN EN 175 301 - 803, form A
12
0.6
20044994 
–
DIN EN 175 301 - 803, form A
20
2
20045040 
20045049 
DIN EN 175 301 - 803, form A
65
7
20045051 
20045062 
AC19
42 mm
6026, 6027,
6213 DN 13…40,
6407, 6240 DN 12
DIN EN 175 301 - 803, form A
44
6.5
350043 
389296 
Cable ATEX/IECEx
44
6.5
389296 
389297 
Terminal box ATEX/IECEx
44
6.5
389298 
389299 
DIN EN 175 301 - 803, form A
85
8.5
338843 
338845 
1.) Guaranteed use depends on the version in question and can only be confirmed by discussing it with your Bürkert contact person.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com