Electronic Components Datasheet Search
  English  ▼

X  

6014 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 6014
Description  Solenoids with Kick and Drop
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

6014 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  6014 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Visit product website 
Kick and Drop coils
Visit product website 
DATA SHEET
Type 6013
Plunger valve 2/2-way
direct-acting
Type 6014
Plunger valve 3/2-way
direct-acting
Type 6027
Direct-acting 2/2-way
plunger valve
Type 6213
Servo-assisted 2/2-
way diaphragm valve
Type 6281
Servo-assisted 2/2-
way diaphragm valve
Type 5404
Servo-assisted 2/2-
way piston valve
Type 6240
Servo-assisted 2/2-
way piston valve
Standard | EU | en | 2023-11-16 | 04
© Christian Bürkert GmbH & Co. KG, changes reserved
Solenoids with Kick and Drop
• Two windings encapsulated in one coil with epoxy
• Inrush power increases performance and differential pressure range
for small installation volumes
• Holding power reduces to less than 1 W with over 80% energy
saved
• Less heating reduces calcification and increases service life
• Internal electronics assembly covers direct and alternating voltage
with frequencies 50 Hz and 60 Hz
The Kick and Drop variants of the AC10 and AC19 coil types use two wind-
ings in one solenoid. Thanks to an increased inrush power for the first wind-
ing, the switchable pressure range is increased as installation volumes stay
the same. The second winding is switched in series after 500 ms. Thanks to
this reduced holding power, energy is saved and coil heating is reduced.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with


Similar Part No. - 6014

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
6014 MICRONETICS-6014 Datasheet
41Kb / 1P
SINGLE POLE, SINGLE THROW DROP-IN/CONNECTORIZED SWITCH MODULES
logo
List of Unclassifed Man...
6014 ETC2-6014 Datasheet
373Kb / 1P
PLUGS AND JACKS
logo
Mallory performance clu...
6014 MALLORY-6014 Datasheet
1Mb / 12P
MSD LS Ignition Control
logo
Heyco.
6014 HEYCO-6014 Datasheet
318Kb / 2P
Heavy Duty Male Blades for Range and Dryer
logo
Christian Bürkert GmbH ...
6014 BURKERT-6014 Datasheet
491Kb / 8P
Pneumatically operated 2/2 way Valve
13.12.2023
More results

Similar Description - 6014

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD1011S TOSHIBA-TPD1011S Datasheet
352Kb / 10P
HIGH SIDE POWER SWITCH FOR MOTORS SOLENOIDS AND LAMP DRIVERS
21-Aug-1997
TPD1033F TOSHIBA-TPD1033F Datasheet
319Kb / 10P
HIGH SIDE POWER SWITCH FOR MOTORS, SOLENOIDS AND LAMP DRIVERS
TPD1024AS TOSHIBA-TPD1024AS Datasheet
292Kb / 7P
Low-Side Power Switch for Motors, Solenoids, and Lamp Drivers
24-Oct-2002
TPD1034F TOSHIBA-TPD1034F_07 Datasheet
456Kb / 11P
High-side Power Switch for Motors, Solenoids, and Lamp Drivers
31-Oct-2006
logo
American Zettler, Inc.
ZCS1-70 AZETTLER-ZCS1-70 Datasheet
173Kb / 3P
HIGH CURRENT SOLENOIDS
logo
Molex Electronics Ltd.
1301230085 MOLEX11-1301230085 Datasheet
32Kb / 1P
I-Beam Festoon Intermediate Car 674 PR, with Urethane Wheels and Kick-up Wheels
logo
American Electronic Com...
DG34A AEC-DG34A Datasheet
364Kb / 3P
Optional version for starter solenoids
logo
ETAL Group
1140-E211-P1M1 ETAL-1140-E211-P1M1 Datasheet
292Kb / 2P
Motors, transformers, solenoids, hand-held machines and appliances
logo
Littelfuse
24080 LITTELFUSE-24080 Datasheet
740Kb / 2P
CONTINUOUS DUTY SOLENOIDS
2020 Rev: 121520-B
24512-03 LITTELFUSE-24512-03 Datasheet
553Kb / 2P
PLASTIC BODY SOLENOIDS
2020 Rev: 120820
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com