Electronic Components Datasheet Search
  English  ▼

X  

6014 Datasheet(PDF) 7 Page - Christian Bürkert GmbH & Co. KG

Part # 6014
Description  Solenoids with Kick and Drop
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

6014 Datasheet(HTML) 7 Page - Christian Bürkert GmbH & Co. KG

Back Button 6014 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7 | 17
Kick and Drop coils
Visit product website 
4.4. Ordering chart for Type 6013 with Kick and Drop coil
The Type 6013 valve is a direct-acting 2/2-way plunger valve. The Kick and Drop coil enables the holding power to be reduced by up
to 10 watts, depending on the version, and an increase in the pressure range for the normally closed version.
Note:
• For more information on the solenoid valve, see data sheet Type 6013 .
• Further variants with stainless steel body without short circuit ring, alternative voltages, NPT or RC internal threads, as flange
version or other seal materials available on request.
Circuit function
Port con-
nection
Orifice
K
V
value
water
Coil power
Pressure range
Article no.
Inrush
power
Holding
power
24 / AC/DC
230…240/AC
[mm]
[m3/h] [W]
[W]
[bar]
[V/Hz]
[V/Hz]
Brass body, G internal thread, seal material FKM/FKM
CF A
2/2-way solenoid valve
Direct-acting
Normally closed
2 (A)
1 (P)
G ⅛
1.0
0.04
12
0.6
0…60
20046576 
X
G ¼
2.0
0.12
12
0.6
0…20
20046577 
X
3.0
0.23
12
0.6
0…6
20046578 
X
4.0
0.30
12
0.6
0…2
20046579 
X
6.0
0.55
12
0.6
0…0.5
20046580 
X
G ⅛
1.0
0.04
20
2
0…60
20046581 
20072644 
G ¼
2.0
0.12
20
2
0…30
20046582 
20072648 
3.0
0.23
20
2
0…10
20046583 
20072653 
4.0
0.30
20
2
0…4
20046584 
20072657 
6.0
0.55
20
2
0…1
20046585 
20072661 
CF B
2/2-way solenoid valve
Direct-acting
Normally open
2 (B)
1 (P)
G ⅛
1.0
0.04
20
2
0…40
20046612 
20046630 
G ¼
2.0
0.12
20
2
0…16
20046613 
20046631 
3.0
0.23
20
2
0…8
20046615 
20046632 
4.0
0.30
20
2
0…4
20046616 
20046633 
6.0
0.55
20
2
0…2
20046617 
20046634 
X: on request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com