Electronic Components Datasheet Search
  English  ▼

X  

6014 Datasheet(PDF) 9 Page - Christian Bürkert GmbH & Co. KG

Part # 6014
Description  Solenoids with Kick and Drop
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

6014 Datasheet(HTML) 9 Page - Christian Bürkert GmbH & Co. KG

Back Button 6014 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9 | 17
Kick and Drop coils
Visit product website 
4.6. Ordering chart for Type 6026 with Kick and Drop coil
The Type 6026 valve is a direct-acting, media-separated 2/2-way plunger valve.
Note:
• For more information on the solenoid valve, see data sheet Type 6026 .
• Further variants with brass body without short circuit ring, alternative voltages, NPT or RC internal threads, as flange version or
other seal materials available on request.
Circuit function
Port con-
nection
Orifice
K
V
value
water
Coil power
Pressure range
Article no.
Inrush
power
Holding
power
24 / AC/DC
230…240/AC
[mm]
[m3/h] [W]
[W]
[bar]
[V/Hz]
[V/Hz]
Stainless steel body, G internal thread, seal material PTFE
CF A
2/2-way solenoid valve
Direct-acting
Normally closed
2 (A)
1 (P)
G ¼
4.0
0.5
44
6.5
0…10
20047000 
20047091 
6.0
0.8
44
6.5
0…10
20047001 
20047098 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com