Electronic Components Datasheet Search
  English  ▼

X  

AWR1642 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # AWR1642
Description  AWRL6432 Single-Chip 57- to 64GHz Automotive Radar Sensor
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AWR1642 Datasheet(HTML) 21 Page - Texas Instruments

Back Button AWR1642 Datasheet HTML 17Page - Texas Instruments AWR1642 Datasheet HTML 18Page - Texas Instruments AWR1642 Datasheet HTML 19Page - Texas Instruments AWR1642 Datasheet HTML 20Page - Texas Instruments AWR1642 Datasheet HTML 21Page - Texas Instruments AWR1642 Datasheet HTML 22Page - Texas Instruments AWR1642 Datasheet HTML 23Page - Texas Instruments AWR1642 Datasheet HTML 24Page - Texas Instruments AWR1642 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 75 page
background image
7.6.5 System Topologies
The following the system topologies are supported.
• Topology 1: Peripheral Mode, under the control of external MCU
• Topology 2: Autonomous mode, with connection to a remote host via LIN/CAN
Figure 7-1. System Topologies
In Topology 1: Peripheral mode, the AWRL6432 is controlled by external MCU and most of the processing is
done on external MCU. In this case, the computational and power requirements are relatively higher and the
external MCU can stay active most of the time.
In Topology 2: Autonomous mode, the AWRL6432 can be used as full sensor along with M4F application
processor. In this case the internal application processor does all the processing and interrupts the host
processor to communicate to take action based on the sensor data. Most of the processing happens on the
internal MCU of the AWRL6432 chip and only high level desired results are communicated to external host via
LIN/CAN.
7.6.5.1 Power Topologies
The device supports two unique power topologies for BOM optimized and Power Optimized modes. Above
tables from Section 7.6.1 to Section 7.6.4 summarize these options. Based on whether the 1.2V rail is generated
internally or is provided from external source, two power topologies comes into account.
In BOM optimized mode the device can be powered up using one rail (1.8V) or two rails (3.3V and a 1.8V)
provided externally. The 1.2V rail is internally generated in BOM optimized topology.
In power optimized mode, the device can either be powered using two rails (1.8V and 1.2V) or with three rails
(3.3V, 1.8V and 1.2V), all provided externally. The 1.2V rail is NOT internally generated in Power optimized
topology. The device senses the external 1.2V supply and decides which topology the device will operate on.
7.6.5.1.1 BOM Optimized Mode
In this mode the device can be powered using one 1.8V regulator OR using a 3.3V and a 1.8V regulator mode.
The choice of one rail vs two rails is dependent on the IO voltages needed.
www.ti.com
AWRL6432
SWRS295A – DECEMBER 2022 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: AWRL6432



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com