Electronic Components Datasheet Search
  English  ▼

X  

AWR1642 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # AWR1642
Description  AWRL6432 Single-Chip 57- to 64GHz Automotive Radar Sensor
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AWR1642 Datasheet(HTML) 39 Page - Texas Instruments

Back Button AWR1642 Datasheet HTML 35Page - Texas Instruments AWR1642 Datasheet HTML 36Page - Texas Instruments AWR1642 Datasheet HTML 37Page - Texas Instruments AWR1642 Datasheet HTML 38Page - Texas Instruments AWR1642 Datasheet HTML 39Page - Texas Instruments AWR1642 Datasheet HTML 40Page - Texas Instruments AWR1642 Datasheet HTML 41Page - Texas Instruments AWR1642 Datasheet HTML 42Page - Texas Instruments AWR1642 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 75 page
background image
Table 7-23. SPI Switching Characteristics Peripheral Mode
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
SS6
td(SPICLK-SOMI)
Delay time, SPI_CLK active edge to McSPI_somi transition
0
5.77
ns
SS7
tsk(CS-SOMI)
Delay time, SPI_CS[x] active edge to McSPI_somi transition
5.77
ns
(1)
P = This timing applies to all configurations regardless of SPI_CLK polarity and which clock edges are used to drive output data and
capture input data.
(2)
P = SPICLK period.
(3)
PHA = 0; SPI_CLK phase is programmable with the PHA bit of the SPI_CH(i)CONF register.
7.13.4.4.2 Timing and Switching Characteristics for SPI Output Timings—Secondary Mode
SPI_CS[x]
(IN)
SPI_SCLK
(IN)
SPI_SCLK
(IN)
SPI_D[x]
(IN)
SPI_CS[x]
(IN)
SPI_SCLK
(IN)
SPI_SCLK
(IN)
SPI_D[x]
(IN)
Bit n-1
Bit n-2
Bit n-3
Bit n-4
Bit 0
Bit n-1
Bit n-2
Bit n-3
Bit 1
Bit 0
PHA=0
EPOL=1
POL=0
POL=1
POL=0
POL=1
PHA=1
EPOL=1
SS3
SS1
SS3
SS1
SS3
SS1
SS2
SS1
SS8
SS9
SS8
SS9
SS2
SS3
SS2
SS2
SS4
SS5
SS5
SS4
SS4
SS5
SS4
SS5
SPRSP08_TIMING_McSPI_04
Figure 7-13. SPI Timing - Peripheral mode Receive
www.ti.com
AWRL6432
SWRS295A – DECEMBER 2022 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: AWRL6432



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com