Electronic Components Datasheet Search
  English  ▼

X  

AWR1642 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # AWR1642
Description  AWRL6432 Single-Chip 57- to 64GHz Automotive Radar Sensor
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AWR1642 Datasheet(HTML) 28 Page - Texas Instruments

Back Button AWR1642 Datasheet HTML 24Page - Texas Instruments AWR1642 Datasheet HTML 25Page - Texas Instruments AWR1642 Datasheet HTML 26Page - Texas Instruments AWR1642 Datasheet HTML 27Page - Texas Instruments AWR1642 Datasheet HTML 28Page - Texas Instruments AWR1642 Datasheet HTML 29Page - Texas Instruments AWR1642 Datasheet HTML 30Page - Texas Instruments AWR1642 Datasheet HTML 31Page - Texas Instruments AWR1642 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 75 page
background image
7.9 RF Specification
Over recommended operating conditions (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
Receiver
Noise figure
57 to 63.9GHz
11
dB
1-dB compression point (Out Of Band)(1)
–9
dBm
Maximum gain
40
dB
Gain range
10
dB
Gain step size
2
dB
IF bandwidth(2)
5
MHz
ADC sampling rate (real)
12.5
Msps
ADC resolution
12
Bits
S11
-10
dB
Transmitter
Output Power
11
dBm
Power backoff range
26
dB
S11
-10
dB
Clock
subsystem
Frequency range
57
63.9
GHz
Ramp rate
400 MHz/µs
Phase noise at 1MHz offset
57 to 63.9GHz
–89
dBc/Hz
(1)
1-dB Compression Point (Out Of Band) is measured by feed a Continuous wave Tone well below the lowest HPF cut-off frequency.
(2)
The analog IF stages include high-pass filtering, with configurable first-order high-pass corner frequency. The set of available HPF
corners is summarized as follows:
Available HPF Corner Frequencies (kHz)
175, 350, 700, 1400
The filtering performed by the digital baseband chain is targeted to provide less than ±0.5dB pass-band ripple/droop.
Figure 7-6 shows variations of noise figure and in-band P1dB parameters with respect to receiver gain
programmed.
Rx Gain (dB)
28
30
32
34
36
38
40
42
10
-35
10.5
-34
11
-33
11.5
-32
12
-31
12.5
-30
13
-29
13.5
-28
14
-27
14.5
-26
15
-25
15.5
-24
16
-23
NF (dB)
P1dB (dBm)
Figure 7-6. Noise Figure, In-band P1dB vs Receiver Gain
AWRL6432
SWRS295A – DECEMBER 2022 – REVISED MARCH 2024
www.ti.com
28
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AWRL6432



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com