Electronic Components Datasheet Search
  English  ▼

X  

B41607 Datasheet(PDF) 1 Page - EPCOS

Part # B41607
Description  Large size Aluminum electrolytic capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41607 Datasheet(HTML) 1 Page - EPCOS

  B41607 Datasheet HTML 1Page - EPCOS B41607 Datasheet HTML 2Page - EPCOS B41607 Datasheet HTML 3Page - EPCOS B41607 Datasheet HTML 4Page - EPCOS B41607 Datasheet HTML 5Page - EPCOS B41607 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
EPCOS AG
Large size
Aluminum electrolytic capacitors
Introduction
The B41605 and B41607 series were
designed for applications with strin-
gent demands for power and current
carrying capacity at ambient temper-
atures ranging up to 150 °C. Tinned
copper leads of 1.2 mm diameter, al-
so allowing determination of the poles
because of the different lead length,
can be either welded or soldered.
To stand up to extreme demands for
vibrational stability in an automobile,
EPCOS developed a special process
for these models, in the meantime
patented, that fixes the capacitor
winding so reliably by a sophisticated
corrugation configuration that vibra-
tional stability of 40 g can be speci-
fied even for these large-sized
models.
40 g corrugation profile
Aluminum case
Winding
KAL0982-9-E
Insulating sleeve
40 g vibration stability version
Snap-in version
Outstanding long-term 40 g vibrational strength thanks to rugged corrugation


Similar Part No. - B41607

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41607 EPCOS-B41607 Datasheet
174Kb / 8P
Snap-In Capacitors Automotive Up to 150
logo
TDK Electronics
B41607 TDK-B41607 Datasheet
714Kb / 17P
Aluminum electrolytic capacitors Large-size capacitors
logo
EPCOS
B41607A0118M002 EPCOS-B41607A0118M002 Datasheet
174Kb / 8P
Snap-In Capacitors Automotive Up to 150
B41607A0128M002 EPCOS-B41607A0128M002 Datasheet
1,022Kb / 16P
Aluminum electrolytic capacitors
B41607A0128M008 EPCOS-B41607A0128M008 Datasheet
1,022Kb / 16P
Aluminum electrolytic capacitors
More results

Similar Description - B41607

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMH ETC2-SMH Datasheet
95Kb / 3P
LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
SMQ ETC2-SMQ Datasheet
72Kb / 3P
LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41605 EPCOS-B41605 Datasheet
147Kb / 7P
Large size Aluminum electrolytic capacitors
logo
Panasonic Semiconductor
EEV-EB2G100SM PANASONIC-EEV-EB2G100SM Datasheet
64Kb / 2P
Aluminum Electrolytic Capacitors/ EB(Large Can Size)
EEV-EB2V470M PANASONIC-EEV-EB2V470M Datasheet
64Kb / 2P
Aluminum Electrolytic Capacitors/ EB(Large Can Size)
EEV-EB2D101M PANASONIC-EEV-EB2D101M Datasheet
64Kb / 2P
Aluminum Electrolytic Capacitors/ EB(Large Can Size)
logo
TDK Electronics
B41605 TDK-B41605 Datasheet
753Kb / 18P
Aluminum electrolytic capacitors Large-size capacitors
B41607 TDK-B41607 Datasheet
714Kb / 17P
Aluminum electrolytic capacitors Large-size capacitors
B43504 TDK-B43504 Datasheet
550Kb / 14P
Aluminum electrolytic capacitors Large-size capacitors
B43508 TDK-B43508 Datasheet
534Kb / 14P
Aluminum electrolytic capacitors Large-size capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com