Electronic Components Datasheet Search
  English  ▼

X  

B41607 Datasheet(PDF) 2 Page - EPCOS

Part # B41607
Description  Large size Aluminum electrolytic capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41607 Datasheet(HTML) 2 Page - EPCOS

  B41607 Datasheet HTML 1Page - EPCOS B41607 Datasheet HTML 2Page - EPCOS B41607 Datasheet HTML 3Page - EPCOS B41607 Datasheet HTML 4Page - EPCOS B41607 Datasheet HTML 5Page - EPCOS B41607 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
EPCOS AG
Data sheet
B41607
Specifications and characteristics in brief
Product
Rated voltage VR
25 … 63 VDC
Surge voltage Vsurge
1.15 · VR
Rated capacitance CR
800 … 4700 µF
Capacitance tolerance
±20% ; M
Leakage current Ileak
(5 min, 20 °C)
Self-inductance ESL
15 nH
Useful life
Requirements:
150 °C; VR; 0.5 · I~R
>
2 000 h
∆C/C
≤ ±30% of initial value
125 °C; VR; I~R
> 10 000 h
ESR
≤ 3 times initial specified limit
85 °C; VR; 2.1 · I~R
> 30 000 h
Ileak
≤ initial specified limit
40 °C; VR; 2.1 · I~R
> 500 000 h
Voltage endurance test
Post test requirements:
125 °C; VR
5 000 h
∆C/C
≤ ±10% of initial value
ESR
≤ 1.3 times initial specified limit
Ileak
≤ initial specified limit
Vibration resistance
To IEC 60068-2-6, test Fc:
40 g vibration stability version
Snap-in version with 3 terminals
displacement amplitude 3 mm,
displacement amplitude 0.75 mm,
frequency range at 10 Hz … 2 kHz,
frequency range at 10 Hz … 2 kHz,
acceleration max. 40 g, duration 3 x 2 h
acceleration max. 10 g, duration 3 x 2 h
IEC climatic category
To IEC 60068-1:
55/125/56 (– 55 °C/+125 °C/56 days damp heat test)
Detail specification
Similar to CECC 30301-809
Sectional specification
IEC 60384-4
Ileak ≤ 0.006 · µA
CR · VR + 4 µA
µF
V
Specifications and characteristics in brief
Features
s Outstanding high reliability and long useful life
s Outstanding ripple current capability optimized for high frequencies
s Can be operated at temperatures up to 150 °C
s Vibration resistance up to 40 g
s Shelf life more than 15 years
s Variable pin configurations
– 40 g vibration stability version with wired terminals.
Weldable and solderable terminals. Tinned copper leads (
∅ 1.2 mm).
– Snap-in with 3 terminals, protection against polarity reversal.
s Without insulation sleeve upon request



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com