Electronic Components Datasheet Search
  English  ▼

X  

B41607 Datasheet(PDF) 4 Page - EPCOS

Part # B41607
Description  Large size Aluminum electrolytic capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41607 Datasheet(HTML) 4 Page - EPCOS

  B41607 Datasheet HTML 1Page - EPCOS B41607 Datasheet HTML 2Page - EPCOS B41607 Datasheet HTML 3Page - EPCOS B41607 Datasheet HTML 4Page - EPCOS B41607 Datasheet HTML 5Page - EPCOS B41607 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
25
2500
22 x 40
25
35
115
26
25
10.7
5.6
2.8
B41607A5258M***
3300
25 x 40
18
25
80
18
18
14.5
7.6
3.8
B41607A5338M***
4700
25 x 50
13
18
60
13
13
18.5
9.7
4.9
B41607A5478M***
40
1500
22 x 40
35
48
115
26
25
10.5
5.5
2.8
B41607A7158M***
2000
25 x 40
22
30
80
17
17
14.6
7.7
3.8
B41607A7208M***
2700
25 x 50
16
23
60
13
13
18.5
9.7
4.9
B41607A7278M***
55
1100
22 x 40
40
55
115
26
25
10.5
5.5
2.8
B41607A0118M***
1500
25 x 40
25
35
80
17
17
14.6
7.7
3.8
B41607A0158M***
2000
25 x 50
19
26
60
13
13
18.5
9.8
4.9
B41607A0208M***
63
800
22 x 40
45
62
115
26
25
10.3
5.4
2.7
B41607A8807M***
1100
25 x 40
30
43
90
17
18
14.5
7.6
3.8
B41607A8118M***
1500
25 x 50
23
32
65
13
14
18.5
9.7
4.9
B41607A8158M***
4
EPCOS AG
Data sheet
B41607
Technical data, case dimensions and ordering codes
VR
CR
Case
ESRtyp
ESRmax ESRmax ESRmax Zmax
I~max
I~R
I~max
Ordering code
100 Hz
dimensions 100 Hz
100 Hz
100 Hz
10 kHz
100 kHz 10 kHz
10 kHz
10 kHz
20 °C
d x l
20 °C
20 °C
–40 °C
20 °C
20 °C
105 °C
125 °C
150 °C
VDC
µF
mm
m
Ω
m
Ω
m
Ω
m
Ω
m
Ω
AA
A
*** = "002" for snap-in version with 3 terminals (protection against polarity reversal), fully insulated.
"009" for 40 g vibration stability version with wired terminals, fully insulated.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com