Electronic Components Datasheet Search
  English  ▼

X  

B41607 Datasheet(PDF) 3 Page - EPCOS

Part # B41607
Description  Large size Aluminum electrolytic capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41607 Datasheet(HTML) 3 Page - EPCOS

  B41607 Datasheet HTML 1Page - EPCOS B41607 Datasheet HTML 2Page - EPCOS B41607 Datasheet HTML 3Page - EPCOS B41607 Datasheet HTML 4Page - EPCOS B41607 Datasheet HTML 5Page - EPCOS B41607 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Dimensions (mm)
Approx. weight
Paking units
d +1
l ± 2
(g)
(pieces)
22
40
21
160
25
40
28
130
25
50
35
130
Dimensions (mm)
Approx. weight
d +1
l ± 2
(g)
22
40
21
25
40
28
25
50
35
3
EPCOS AG
Data sheet
B41607
Dimensional drawing
Dimensions, weights and packing units
Large size capacitor, snap-in version with 3 terminals
Dimensional drawing
Dimensions and weights
Large size capacitor, 40 g vibration stability version with wired terminals
KAL0963-3-E
0.8
1.5±0.2
Minus pole marking
ø2±0.1
3.
3±
0.
1
10
±0
.1
ø2.5 min.
Mounting holes
+0.2
0.1
0.8 _
KAL0962-U-E
8.4±0.5
+0.04
ø1.2 0.02
_
positions for minus
Permissible range of
pole marking
∗)
Packing units on request.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com