Electronic Components Datasheet Search
  English  ▼

X  

B41607 Datasheet(PDF) 5 Page - EPCOS

Part # B41607
Description  Large size Aluminum electrolytic capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41607 Datasheet(HTML) 5 Page - EPCOS

  B41607 Datasheet HTML 1Page - EPCOS B41607 Datasheet HTML 2Page - EPCOS B41607 Datasheet HTML 3Page - EPCOS B41607 Datasheet HTML 4Page - EPCOS B41607 Datasheet HTML 5Page - EPCOS B41607 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
EPCOS AG
Data sheet
B41607
Characteristics
100
1.0
40
0
0.5
50
60
80
70
90
~
Ι~
Ι
1.5
2.0
2.5
R
3.0
140
120
110
130
A
T
˚C 160
KAL0954-4
B41607
100
1.0
40
0
0.5
50
60
80
70
90
~
Ι~
Ι
1.5
2.0
2.5
R
3.0
140
120
110
130
C
T
˚C 160
B41607
KAL0955-C
10
f
KAL0956-K
0
B41607
2
510 3
Hz 10 4
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.2
Ι
Ι~
10 kHz
f
~
ø [mm]
30 35
R
V
40 VDC
55 VDC
ba
cb
25 VDC
a a
c
d
b
a
5
63 VDC
cc
25
b
c
d
d
22
a
b
c
c
10 1
f
KAL0835-R
0
1
2
3
4
5
7
510 2
510 3
10
Hz
4
85 ˚C
20 ˚C
40 ˚C
_
125 ˚C
B41607
ESR10 kHz
ESR f
10 1
10 2
5
3
10
10 4
10 5
55
Hz
f
KAL0834-I
10 3
_
ESR
10
_2
Ω
_40 ˚C
_25 ˚C
20 ˚C
_
> 60 ˚C
5
B41607
10 1
_
10 1
10 2
5
3
10
10 4
10 5
55
Hz
f
KAL0833-A
Z
10 2
_
10 1
Ω
40 ˚C
_
20 ˚C
_
> 60 ˚C
25 ˚C
_
B41607
10
_1
10 0
5
5
5
Frequency factor of permissible ripple current I~
versus frequency f
Frequency characteristics of ESR
versus frequency f at different temperatures T
Typical behavior
Impedance Z
versus frequency f at different temperatures
Typical behavior for 1500 µF/55 V
Equivalent series resistance ESR
versus frequency f at different temperatures
Typical behavior for 1500 µF/55 V
Useful life
depending on ambient temperature TA under ripple
current operating conditions at VR
Useful life
depending on case temperature TC under ripple
current operating conditions at VR



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com