Electronic Components Datasheet Search
  English  ▼

X  

3320 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 3320
Description  Electromotive 2-way angle seat control valve
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3320 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  3320 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Visit product website 
DATA SHEET
Type 3320
Electromotive 2/2-way
angle seat valve (ON/
OFF)
Type 3321
Electromotive 2/2-way
globe valve (ON/OFF)
Type 3361
Electromotive 2-way
globe control valve
Type 8098
FLOWave SAW flow-
meter
Type ME43
Fieldbus gateway
Standard | EU | en | 2023 - 09 - 05 | 21
Electromotive 2-way angle seat control valve
• Good and fast control
• Weather, impact and vibration resistant design
• Easy cleaning by its design according hygienic demands
• Position controller and process controller available
The innovative process controller Bürkert valve Type 3360 is the solution
when it comes to control tasks under demanding operating conditions.
The electromotive actuator with ball screw positions the control cone with
highest precision. A unique feature is its high positioning speed up to 6 mm/s,
that reacts quasi delay-free to process signals, and can be varied according
to customer demands. Pressure variations or shocks in the medium aren´t
transferred to the valve position. If necessary, the safety position can be ap-
proached by an optional energy storage in case of power failure.
Actuator and valve are adapted perfectly to each other with closed design
and robust surface. This ensures the hygienic requirements of a fast and
residue-free cleaning.
Harsh environments are no problem for the Type 3360 because of the protec-
tion class IP65 / IP67 and its high impact and vibration resistance. Unrivalled
cycle life and sealing integrity is guaranteed by the proven self adjusting
spindle packing with exchangeable V-seals.
The fieldbus suitable Type 3360 provides many helpful functions for process
monitoring, valve diagnostics and predictive maintenance and thus offers the
decisive advantage of a modern process automation.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type 3360
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 3320

ManufacturerPart #DatasheetDescription
logo
Heyco.
3320 HEYCO-3320 Datasheet
75Kb / 1P
Lockit™ Cable Holders - Arrowhead Mount
logo
Christian Bürkert GmbH ...
3320 BURKERT-3320 Datasheet
2Mb / 22P
Electromotive 2/2-way angle seat valve (ON/OFF)
05.09.2023
3320 BURKERT-3320 Datasheet
2Mb / 26P
Electromotive 2/2-way globe valve (ON/OFF)
05.09.2023
3320 BURKERT-3320 Datasheet
2Mb / 29P
Electromotive 2-way globe control valve
05.09.2023
logo
KR Electronics, Inc.
3320-SMA KR-3320-SMA Datasheet
97Kb / 3P
256 MHz Bandpass Filter
More results

Similar Description - 3320

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8060515 FESTO-8060515 Datasheet
96Kb / 2P
Angle seat valve
6/27/22
8060520 FESTO-8060520 Datasheet
95Kb / 2P
Angle seat valve
6/27/22
8060521 FESTO-8060521 Datasheet
97Kb / 2P
Angle seat valve
6/27/22
8060545 FESTO-8060545 Datasheet
96Kb / 2P
Angle seat valve
6/27/22
8111591 FESTO-8111591 Datasheet
94Kb / 2P
Angle seat valve
6/27/22
8111593 FESTO-8111593 Datasheet
95Kb / 2P
Angle seat valve
6/27/22
8111597 FESTO-8111597 Datasheet
96Kb / 2P
Angle seat valve
6/27/22
8060551 FESTO-8060551 Datasheet
96Kb / 2P
Angle seat valve
6/30/22
1002501 FESTO-1002501 Datasheet
92Kb / 2P
Angle seat valve
7/1/22
1002503 FESTO-1002503 Datasheet
92Kb / 2P
Angle seat valve
7/1/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com