Electronic Components Datasheet Search
  English  ▼

X  

3320 Datasheet(PDF) 17 Page - Christian Bürkert GmbH & Co. KG

Part # 3320
Description  Electromotive 2-way angle seat control valve
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3320 Datasheet(HTML) 17 Page - Christian Bürkert GmbH & Co. KG

Back Button 3320 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
Type 3360
17 | 26
Visit product website 
Operating limits for ambient and medium temperature
The maximum permissible temperature for the environment and the medium are dependent on each other. The maximum allowable
temperature curves of different device variants can be seen in the temperature chart. The curves were determined for maximum
operating conditions (max. operating pressure and motor power). For deviating operating conditions an individual verification can be
performed. Please contact your Bürkert office for more information.
AG2
60
100
140
40
80
120
160
70
60
50
40
30
20
10
0
20
0
44
34
180
200
220 230
65
55
Medium temperature [°C]
1
2
3
No.
Description
1
Devices without module
2
Devices with display
3
Devices with SAFEPOS energy-pack or fieldbus gateway, with/without display module
AG3
60
100
140
40
80
120
160
Medium temperature [°C]
70
60
50
40
30
20
10
0
20
0
44
180
200
220 230
65
55
1
2
3
4
No.
Description
1
Devices without module
2
Devices with SAFEPOS energy-pack
3
Devices with display module with/without SAFEPOS energy-pack
4
Devices with fieldbus gateway with/without display module with/without SAFEPOS energy-pack



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com