Electronic Components Datasheet Search
  English  ▼

X  

3320 Datasheet(PDF) 14 Page - Christian Bürkert GmbH & Co. KG

Part # 3320
Description  Electromotive 2-way angle seat control valve
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3320 Datasheet(HTML) 14 Page - Christian Bürkert GmbH & Co. KG

Back Button 3320 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Type 3360
14 | 26
Visit product website 
4.4. Body with clamp connection
Note:
Dimensions in mm
LC
CC
Nominal diameter
(pipe)
Clamp:
DIN 32676 B
Pipe:
EN ISO 1127 1, ISO 4200, DIN 11866 B
Clamp:
DIN 32676 A (DN 15 similar DIN 32676 B)
Pipe:
DIN 11850 2, DIN 11866 A
DN
LC
CC
ØD1 C
ØD2 C
SC
LC
CC
ØD1 C
ØD2 C
SC
15
156
49.0
50.5
21.3
1.6
130
49.5
34.0
19
1.5
20
150
56.5
50.5
26.9
1.6
150
57.0
34.0
23
1.5
25
160
58.0
50.5
33.7
2.0
160
58.5
50.5
29
1.5
32
200
57.5
50.5
42.4
2.0
180
58.0
50.5
35
1.5
40
200
69.0
64.0
48.3
2.0
200
69.5
50.5
41
1.5
50
230
77.5
77.5
60.3
2.6
230
78.0
64.0
53
1.5
65
265
77.5
91
76.1
2.0
265
78
91
70
2.0
Nominal diameter
(pipe)
Clamp:
ASME BPE
Pipe:
ASME BPE, DIN 11866 C
NPS
LC
CC
ØD1 C
ØD2 C
SC
½
130
49.0
25.0
12.7
1.65
¾
150
56.5
25.0
19.05
1.65
1
160
58.0
50.5
25.4
1.65
1½
200
69.0
50.5
38.1
1.65
2
230
77.5
64.0
50.8
1.65
2½
286
83
77.5
63.5
1.65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com