Electronic Components Datasheet Search
  English  ▼

X  

3320 Datasheet(PDF) 18 Page - Christian Bürkert GmbH & Co. KG

Part # 3320
Description  Electromotive 2-way angle seat control valve
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3320 Datasheet(HTML) 18 Page - Christian Bürkert GmbH & Co. KG

Back Button 3320 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Type 3360
18 | 26
Visit product website 
Operating limits for seat seal
Tight sealing required
Leakage class
(DIN EN 60534 - 4)
Medium temperature
Seat seal
No
An additional shut-off valve is
recommended
III/IV (metal seals)
Metal-sealed valves have larger
leakages (0.1 % or 0.01 %
of the nominal flow rate are
permissible).
Metallic seals are impervious
even under demanding process
conditions.
- 40…230 °C
Stainless steel
Yes
An additional shut-off valve is
often unnecessary.
VI (soft seals)
By using plastics as sealing
material, the control valves can
close tightly.
Their use is not recommended
in cases of increased erosion
due to demanding process
conditions.
- 40…130 °C
(recommended for ≤ 130 °C)
PTFE
- 10…230 °C
(recommended for > 130 °C)
PEEK
Operating limits for optional versions
High temperature version
By adapting the spindle sealing this version is suitable for applications with steam, neutral gases and other heat transfer mediums up
to 230 °C.
Drinking water version
Materials in contact with the medium are tested for suitability with drinking water up to 85 °C.
Vacuum version
Without leakage bore, this design is suitable for pressures down to - 0.9 bar(g).
Low temperature version
Suitable for minimum medium temperatures down to - 40 °C
Version for oxygen
Non-metallic materials in contact with the medium are tested for suitability with oxygen. Suitable for operating pressures up to
25 bar(g) and medium temperatures up to 60 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com