Electronic Components Datasheet Search
  English  ▼

X  

3320 Datasheet(PDF) 19 Page - Christian Bürkert GmbH & Co. KG

Part # 3320
Description  Electromotive 2-way angle seat control valve
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3320 Datasheet(HTML) 19 Page - Christian Bürkert GmbH & Co. KG

Back Button 3320 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 23Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
Type 3360
19 | 26
Visit product website 
5.3. Electrical control and interfaces
Interface diagram
The position of the actuator is controlled
according to the position setpoint. The position
setpoint is given either by an external standard
signal (analogue) or via a fieldbus (digital).
Analogue control
For the analogue control 2 variants each are
available for the inputs and outputs and the
connection interface.
Inputs and outputs:
• 1 analogue input, 1 digital input
• 1 analogue input, 1 digital input,
1 analogue output, 2 digital output
(optional)
• 1 analogue input process actual value (for
optional version with process controller)
Interface:
• Cable gland with connection terminal (only
AG2)
• M12 circular plug-in connectors (optional)
Input for actual
process value *
4 ... 20 mA
Frequency
Pt 100
Input for process or
positon set point
4...20 mA
0...20 mA
0...10 V
0...5 V
Digital input
24 V DC
Electromotive
control valve
2 Digital ouputs
24 V PNP
Analogue
feedback
4...20 mA
0...10 V
Operation
Note:
Optionals outputs are
represented with a broken line
Fieldbus
büS / CANopen
Control data
Analogue setpoint input
Galvanically isolated from supply voltage and analogue output
0/4…20 mA (input resistance < 70 Ω)
0…5/10 V (input resistance 22 kΩ)
Analogue output
Max. current 10 mA (for voltage output 0…5/10 V)
Burden (load) 0…800 Ω (for current output 0/4…20 mA)
Digital input
0…5 V = log “0", 10…30 V = log “1"
inverted input reversed accordingly
Digital output
PNP, Current limitation 100 mA
Analogue actual value signal input (optional)
4…20 mA
Input resistance: < 70 Ω
Resolution: 12 Bit
Frequency
Measuring range: up to 1000 Hz
Input resistance: > 30 kΩ
Resolution: 0.1 % of measured value
Input signal: > 300 mVss
Signal shape: sine, rectangle, triangle
Pt 100
Measuring range: - 20 °C…+ 220 °C
Resolution: 0.01 °C
Measuring current: 1 mA
Communication
Communication interface (büS)
Connection to PC via USB büS interface set
Communication software (büS)
Bürkert Communicator, see Type 8920 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com