Electronic Components Datasheet Search
  English  ▼

X  

2103 Datasheet(PDF) 9 Page - Christian Bürkert GmbH & Co. KG

Part # 2103
Description  Digital electro-pneumatic positioner for integrated mounting on process control valves
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2103 Datasheet(HTML) 9 Page - Christian Bürkert GmbH & Co. KG

Back Button 2103 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Type 8692
9 | 17
Visit product website 
5.
Device/Process connections
5.1. Electrical connections
Multipole connection
1
2
3
4
M12 Circular connector,
4 pin (operating voltage)
M12 Circular connector,
8 pin (setpoint)
1
2
3
4
5
6
7
8
M12 circular plug, 8-pin (setpoint)
M12 circular plug, 8-pin
(input/output signal) 1.)
M12 circular plug, 4-pin
(operating voltage)
Pin
Pin assignment
Pin
Pin assignment
Pin
Pin assignment
7
Setpoint GND
1
Digital input +
1
Operating voltage + 24 V DC
8
Setpoint + (0/4…20 mA/0…5/10 V)
2
Digital output GND
2
Not assigned
3
Digital output 2
3
Operating voltage GND
4
Digital output 1
4
Not assigned
5
Analogue feedback GND
6
Analogue feedback +
1.) With the options analogue feedback or digital output
Cable gland
1
16
2 3 4 5 6 7 8
9 10 11 12 13 14 15
Switch
Connection terminals
Terminal Pin assignment
1
Analogue feedback GND
2
Analogue feedback +
3
Digital output GND
4
Digital output 2
5
Digital output 1
6
Digital input +
7
Setpoint GND
8
Setpoint +
9
Not assigned
10
Not assigned
11
Not assigned
12
Not assigned
13
Not assigned
14
Digital input GND
15
Operating voltage GND
16
Operating voltage + 24 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com